Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITVALVECNTLEVM Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # KITVALVECNTLEVM
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITVALVECNTLEVM Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button KITVALVECNTLEVM Datasheet HTML 7Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 10Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 11Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 12Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 13Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 14Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Installing the Software and Setting up the Hardware
KTVALVECNTLEVMUG Rev. 1.0
Freescale Semiconductor, Inc.
11
4.3
Configuring the Hardware
Figure 5 shows the configuration diagram for the KITVALVECNTLEVM.
Figure 5. Board Setup
VPWR
VCC5
GND
Note
VPWR = 12 V
VCC5 = 5 V
USB to FTDI
Cable
Power Supply
KITVALVECNTLEVM
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com