Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITVALVECNTLEVM Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # KITVALVECNTLEVM
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITVALVECNTLEVM Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button KITVALVECNTLEVM Datasheet HTML 2Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 3Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 4Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 5Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 6Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 7Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Getting to Know the Hardware
KTVALVECNTLEVMUG Rev. 1.0
6
Freescale Semiconductor, Inc.
3.2.2 GUI-enabled Features
Table 2. GUI-enabled Features
High-side
Driver
(HSD)
LSD (x12)
(both Current Regulated
and PWM)
DC Motor
High-side Driver
(HS)
Low-side
Driver (LD)
Supervision
ADC
WRITE
Turn ON/OFF
• Current Value Targeted
• Duty-cycle
• Change PI Value
• Change Frequency
• Turn ON/OFF
•PWM
• Control by ex-
ternal pin
(ADN1)
Turn ON/OFF
• Turn ON/OFF
• Control by ex-
ternal pin
(ADN2)
Frequency Mod-
ulation selec-
tion (for the
Main clock)
READ
Overcurrent
• Overcurrent
• Open load
• Overtemperature
• VDS monitoring
• Current Targeted
• Duty-cycle value for
gate driver
Overcurrent
• Overcurrent
• Open load
• Overtemperature
• VDS Monitoring
• Overcurrent
• Open load
• Overtempera-
ture
• VDS Monitor-
ing
• Internal Ana-
log Regulator
Voltage
• Internal Digital
Regulator
Voltage
• Internal 10 V
and 12 V Reg-
ulator Voltage
• Charge Pump
Voltage
• Die tempera-
ture
Monitoring
of ADIN pin
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com