Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITVALVECNTLEVM Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # KITVALVECNTLEVM
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITVALVECNTLEVM Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button KITVALVECNTLEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 10Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 11Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 12Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 13Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 14Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 15Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Installing the Software and Setting up the Hardware
KTVALVECNTLEVMUG Rev. 1.0
12
Freescale Semiconductor, Inc.
4.3.1 Step-by-step Instructions for Setting up the Hardware
1. Make sure the "GUI_EVM_VAPS_REV1.0" program is installed on the PC and can communicate with the
KITVALVECNTLEVM. If the GUI_EVM_VAPS_REV1.0 software is not installed on the PC, run the Setup.exe program located
on the VAPS Training package (included in the USB key provided with the kit). Follow the on-screen instructions to install
GUI_EVM_VAPS_REV1.0 on the PC.
2. Attach a +12 VDC power supply (do not turn power on yet) to the VPWR connector on the KITVALVECNTLEVM board. Make
sure the negative power supply terminal is connected to the screw terminal labeled "GND" and the positive power supply
terminal is connected to the screw terminal labeled "VPWR".
3. Attach a +5 VDC power supply (do not turn power on yet) to the VCC5 connector on the KITVALVECNTLEVM board. Make
sure the negative power supply terminal is connected to the screw terminal labeled "GND" and the positive power supply
terminal is connected to the screw terminal labeled "VCC5".
4. Turn on the +12 VDC power supply. Then turn on the +5 VDC power supply.
5. Connect the USB to FTDI cable with the USB plug connected to the computer and the FTDI plug to the board as shown in
Figure 6:
Figure 6. Connection to the PC
The USB to FTDI cable must be
connected with the FTDI black wire
on Pin 1
Note:
You must reset the board (by clicking
on the RESET button) in order to activate
the EVM software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com