Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1306E05 Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC1306E05
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306E05 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC1306E05 Datasheet HTML 19Page - Texas Instruments AMC1306E05 Datasheet HTML 20Page - Texas Instruments AMC1306E05 Datasheet HTML 21Page - Texas Instruments AMC1306E05 Datasheet HTML 22Page - Texas Instruments AMC1306E05 Datasheet HTML 23Page - Texas Instruments AMC1306E05 Datasheet HTML 24Page - Texas Instruments AMC1306E05 Datasheet HTML 25Page - Texas Instruments AMC1306E05 Datasheet HTML 26Page - Texas Instruments AMC1306E05 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
V
IN
Integrator 1
Integrator 2
0 V
DAC
V
1
V
2
V
4
V
5
V
3
CMP
f
CLKIN
23
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Modulator
The modulator implemented in the AMC1306 is a second-order, switched-capacitor, feed-forward ΔΣ modulator,
such as the one conceptualized in Figure 48. The analog input voltage VIN and the output V5 of the 1-bit digital-
to-analog converter (DAC) are differentiated, providing an analog voltage V1 at the input of the first integrator
stage. The output of the first integrator feeds the input of the second integrator stage, resulting in output voltage
V3 that is differentiated with the input signal VIN and the output of the first integrator V2. Depending on the polarity
of the resulting voltage V4, the output of the comparator is changed. In this case, the 1-bit DAC responds on the
next clock pulse by changing the associated analog output voltage V5, causing the integrators to progress in the
opposite direction and forcing the value of the integrator output to track the average value of the input.
Figure 48. Block Diagram of a Second-Order Modulator
The modulator shifts the quantization noise to high frequencies, as shown in Figure 48. Therefore, use a low-
pass digital filter at the output of the device to increase the overall performance. This filter is also used to convert
from the 1-bit data stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). TI's
microcontroller families TMS320F2807x and TMS320F2837x offer a suitable programmable, hardwired filter
structure termed a sigma-delta filter module (SDFM) optimized for usage with the AMC1306 family. Also,
SD24_B converters on the MSP430F677x microcontrollers offer a path to directly access the integrated sinc-
filters for a simple system-level solution for multichannel, isolated current sensing. An additional option is to use a
suitable application-specific device, such as the AMC1210 (a four-channel digital sinc-filter). Alternatively, a field-
programmable gate array (FPGA) can be used to implement the filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com