Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1306E05 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC1306E05
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306E05 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1306E05 Datasheet HTML 20Page - Texas Instruments AMC1306E05 Datasheet HTML 21Page - Texas Instruments AMC1306E05 Datasheet HTML 22Page - Texas Instruments AMC1306E05 Datasheet HTML 23Page - Texas Instruments AMC1306E05 Datasheet HTML 24Page - Texas Instruments AMC1306E05 Datasheet HTML 25Page - Texas Instruments AMC1306E05 Datasheet HTML 26Page - Texas Instruments AMC1306E05 Datasheet HTML 27Page - Texas Instruments AMC1306E05 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
TX IN
Carrier Signal Across
the Isolation Barrier
RX OUT
TX IN
Oscillator
OOK
Modulation
Transmitter
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2-Based
Capacitive
Reinforced
Isolation
Barrier
24
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
www.ti.com
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Isolation Channel Signal Transmission
The AMC1306 device uses an on-off keying (OOK) modulation scheme to transmit the modulator output
bitstream across the capacitive SiO2-based isolation barrier. The transmitter modulates the bitstream at TX IN in
Figure 49 with an internally-generated, 480-MHz carrier across the isolation barrier to represent a digital one and
sends a no signal to represent the digital zero. The receiver demodulates the signal after advanced signal
conditioning and produces the output. The symmetrical design of each isolation channel improves the CMTI
performance and reduces the radiated emissions caused by the high-frequency carrier. The block diagram of an
isolation channel integrated in the AMC1306 is shown in Figure 49.
Figure 49. Block Diagram of an Isolation Channel
Figure 50 shows the concept of the on-off keying scheme.
Figure 50. OOK-Based Modulation Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com