Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1306E05 Datasheet(PDF) 32 Page - Texas Instruments

Part # AMC1306E05
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306E05 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC1306E05 Datasheet HTML 28Page - Texas Instruments AMC1306E05 Datasheet HTML 29Page - Texas Instruments AMC1306E05 Datasheet HTML 30Page - Texas Instruments AMC1306E05 Datasheet HTML 31Page - Texas Instruments AMC1306E05 Datasheet HTML 32Page - Texas Instruments AMC1306E05 Datasheet HTML 33Page - Texas Instruments AMC1306E05 Datasheet HTML 34Page - Texas Instruments AMC1306E05 Datasheet HTML 35Page - Texas Instruments AMC1306E05 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
VCM (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-80
-60
-40
-20
0
20
40
60
D005
AMC1306x25
AMC1306x05
G
R4
E (%)
1
100%
R4 ' R3 '
§
·
u
¨
¸
©
¹
32
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
www.ti.com
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
This additional series resistor (R3') influences the gain error of the circuit. The effect can be calculated using
Equation 5 with R5 = R5' = 50 kΩ and R4 = R4' = 2.5 kΩ (for the AMC1306x05) or 12.5 kΩ (for the
AMC1306x25).
(5)
9.2.2.3 Application Curve
Figure 60 shows the dependency of the input bias current on the common-mode voltage at the input of the
AMC1306.
Figure 60. Input Bias Current vs Common-Mode Input Voltage
9.2.3 What To Do and What Not To Do
Do not leave the inputs of the AMC1306 unconnected (floating) when the device is powered up. If both modulator
inputs are left floating, the input bias current drives these inputs to the output common-mode of the analog front-
end of approximately 1.9 V. If that voltage is above the specified input common-mode range, the front gain
diminishes and the modulator outputs a bitstream resembling a zero input differential voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com