Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1306E05 Datasheet(PDF) 4 Page - Texas Instruments

Part # AMC1306E05
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306E05 Datasheet(HTML) 4 Page - Texas Instruments

  AMC1306E05 Datasheet HTML 1Page - Texas Instruments AMC1306E05 Datasheet HTML 2Page - Texas Instruments AMC1306E05 Datasheet HTML 3Page - Texas Instruments AMC1306E05 Datasheet HTML 4Page - Texas Instruments AMC1306E05 Datasheet HTML 5Page - Texas Instruments AMC1306E05 Datasheet HTML 6Page - Texas Instruments AMC1306E05 Datasheet HTML 7Page - Texas Instruments AMC1306E05 Datasheet HTML 8Page - Texas Instruments AMC1306E05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
1
AVDD
8
DVDD
2
AINP
7
CLKIN
3
AINN
6
DOUT
4
AGND
5
DGND
Not to scale
4
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
www.ti.com
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
INPUT VOLTAGE RANGE
DIFFERENTIAL INPUT
RESISTANCE
DIGITAL OUTPUT INTERFACE
AMC1306E05
±50 mV
4.9 kΩ
Manchester coded CMOS
AMC1306E25
±250 mV
22 kΩ
Manchester coded CMOS
AMC1306M05
±50 mV
4.9 kΩ
Uncoded CMOS
AMC1306M25
±250 mV
22 kΩ
Uncoded CMOS
6 Pin Configuration and Functions
DWV Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
AVDD
—
Analog (high-side) power supply, 3.0 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.
2
AINP
I
Noninverting analog input
3
AINN
I
Inverting analog input
4
AGND
—
Analog (high-side) ground reference
5
DGND
—
Digital (controller-side) ground reference
6
DOUT
O
Modulator data output. This pin is a Manchester coded output for AMC1306Ex derivates.
7
CLKIN
I
Modulator clock input: 5 MHz to 21 MHz (5-V operation) with internal pulldown resistor (typical value: 1.5 MΩ)
8
DVDD
—
Digital (controller-side) power supply, 2.7 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com