Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP.A Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC7832IPAP.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC7832IPAP.A Datasheet HTML 12Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 13Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 14Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 15Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 16Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 17Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 18Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 19Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
MAX INL
MIN INL
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
MAX DNL
MIN DNL
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
MAX INL
MIN INL
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
MAX DNL
MIN DNL
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
MAX INL
MIN INL
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
MAX DNL
MIN DNL
C001
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Typical Characteristics: DAC (continued)
0V to 10V range
0V to 10V range
Figure 9. Linearity Error vs Temperature
Figure 10. Differential Linearity Error vs Temperature
-10V to 0V range
-10V to 0V range
Figure 11. Linearity Error vs Temperature
Figure 12. Differential Linearity Error vs Temperature
0V to 5V range
0V to 5V range
Figure 13. Linearity Error vs Temperature
Figure 14. Differential Linearity Error vs Temperature
16
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com