Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP.A Datasheet(PDF) 59 Page - Texas Instruments

Part # AMC7832IPAP.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP.A Datasheet(HTML) 59 Page - Texas Instruments

Back Button AMC7832IPAP.A Datasheet HTML 55Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 56Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 57Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 58Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 59Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 60Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 61Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 62Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
10 Power Supply Recommendations
The preferred (not required) order for applying power is IOVDD, DVDD/AVDD and then AVCC/AVEE. When power
sequencing, ensure that all digital terminals are not powered, or in an active state while IOVDD ramps. This can
be accomplished by attaching 10-k
Ω pull-up resistors to IOVDD, or pull-down resistors to DGND.
The supply voltage ranges are specified in the Recommended Operating Conditions but are repeated here for
convenience.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE RANGE
AVDD
4.5
5
5.5
V
DVDD
DVDD must be equal to AVDD
4.5
5
5.5
V
IOVDD
IOVDD must be equal or less than DVDD
1.8
5.5
V
AVCC
4.5
12
12.5
V
AVEE
–12.5
–12
0
V
AVSSA,B,C,D
AVEE
0
V
OPERATING RANGE
Specified temperature
–40
25
105
°C
range
All registers initialize to the default values after these supplies have been established. Communication with the
AMC7832 will be valid after a 250-µS maximum power-on reset delay. The default state of all analog blocks is off
as determined by the power-down registers (0xB2 and 0xB3). Before writing to this register, a hardware reset
should be issued to ensure specified operation of the AMC7832. Communication to the AMC7832 will be valid
after a maximum 250-µS reset delay from the rising edge of RESET.
If DVDD falls below +4.5-V, the minimum supply value of DVDD, either a hardware or power-on reset should be
issued before proper operation can be resumed.
When powered on, the internal POR circuit invokes a power-on reset, which performs the equivalent function of
the RESET terminal. To ensure a POR, DVDD must start from a level below 750-mV.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com