Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP.A Datasheet(PDF) 45 Page - Texas Instruments

Part # AMC7832IPAP.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP.A Datasheet(HTML) 45 Page - Texas Instruments

Back Button AMC7832IPAP.A Datasheet HTML 41Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 42Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 43Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 44Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 45Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 46Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 47Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 48Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.5.4 General Device Configuration: Address 0x10 – 0x17
Table 16. Register name: ADC Configuration – Address: 0x10, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADC Config
0x10
7
CMODE
ADC Conversion Mode Bit. This bit selects the ADC conversion
0
mode.
0: Direct mode. The analog inputs specified in the ADC channel
registers are converted sequentially one time. When one set of
conversions is complete, the ADC is idle and waits for a new
trigger.
1: Auto mode. The analog inputs specified in the AMC channel
registers are converted sequentially and repeatedly. When one
set of conversions is complete, the ADC multiplexer returns to
the first channel and repeats the process. In this mode data
should be read synchronously with the DAV terminal.
6:5
CONV-RATE[1:0]
ADC Conversion rate bits
00
4
ADC-REF-BUFF
ADC Reference Buffer bit. This bit must be set to 1 after device
0
power-up to enable the internal reference buffer driving the ADC.
0: ADC reference buffer is disabled.
1: ADC reference buffer is enabled.
3:0
Reserved
Reserved for factory use
0000
Table 17. Register name: False Alarm Configuration – Address: 0x11, Default: 0x70 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
False Alarm
0x10
7:5
CH-FALR-CT[2:0] False alarm protection for ADC channels.
011
Config
CH-FALR-CT
N
CONSECUTIVE
SAMPLES
BEFORE
ALARM IS SET
000
1
001
4
010
8
011
16 (default)
100
32
101
64
110
128
111
256
4:3
TEMP-FALR-
False alarm protection for temperature sensor.
10
CT[1:0]
TEMP-FALR-CT
N
CONSECUTIVE
SAMPLES
BEFORE
ALARM IS SET
00
1
01
2
10
4 (default)
11
8
2:0
Reserved
Reserved for factory use
000
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com