Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP.A Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC7832IPAP.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP.A Datasheet(HTML) 1 Page - Texas Instruments

  AMC7832IPAP.A Datasheet HTML 1Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 2Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 3Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 4Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 5Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 6Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 7Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 8Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
ADC
2.5V REFERENCE
TEMP
SENSOR
DAC-0
DAC-11
GPIO CONTROL
AMC7832
8 GPIOs
µC
AMC7832
SPI
ALARM
ADC
VDD
Voltage
Sense
RF Out
RF In
POWER AMPLIFIER FET
VBIAS
Current
Sense
Temp
Sense
Temp
Sensor
DAC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AMC7832
SLAS836 – MARCH 2014
AMC7832 12-Bit Analog Monitor and Control Solution
with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
1 Features
3 Description
The AMC7832 is a highly integrated, low-power,
1
•
Twelve Monotonic 12-Bit DACs
analog monitoring and control solution that includes a
–
Selectable Ranges: 0 to +5-V, 0 to +10-V and
17-channel, 12-bit analog-to-digital converter (ADC)
-10 to 0-V
with programmable alarms, twelve 12-bit digital-to-
–
High Current Drive Capability: up to ±15-mA
analog converters (DACs) with output ranges of either
0 to +5-V, 0 to +10-V or -10 to 0-V, eight GPIOs,
–
Selectable Clamp Voltage
internal reference and a local temperature sensor
•
One 12-Bit SAR ADC
channel. The AMC7832 high level of integration
–
17 External Analog Inputs
significantly reduces component count and simplifies
closed-loop system designs.
–
12 Bipolar Inputs: -12.5-V to +12.5-V
Range
The AMC7832 is ideal for multichannel applications
where board space, size, and low power are critical.
–
5 High Precision Inputs: 0 to +5-V Range
–
Programmable Out-of-Range Alarms
The AMC7832’s low power, high-integration and wide
operating temperature range make it an ideal all-in-
•
Internal +2.5-V Reference
one, low-cost, bias control circuit for the power
•
Internal Temperature Sensor
amplifiers
(PA)
found
in
multi-channel
RF
–
-40°C to +125°C Operation
communication systems. The flexible DAC output
ranges allow the device to be used as a biasing
–
±2.5°C Accuracy
solution for a large variety of transistor technologies
•
Eight General Purpose I/O Ports (GPIOs)
such as LDMOS, GaAs and GaN. The AMC7832
•
Low Power SPI Compatible Serial Interface
feature set is similarly beneficial in general purpose
–
4-Wire Mode, +1.8-V to +5.5-V Operation
monitor and control systems.
•
Operating Temperature Range: -40°C to +125°C
For applications that require a different channel
•
Available in 64-Terminal HTQFP PowerPAD
count, additional features, or converter resolutions,
Texas Instruments offers a complete family of Analog
Package
Monitor
and
Control
(AMC)
products.
Visit
http://www.ti.com/amc for more information.
2 Applications
•
Communications Infrastructure:
Device Information
–
Cellular Base Stations
ORDER NUMBER
PACKAGE
BODY SIZE
–
Microwave Backhaul
AMC7832IPAP
HTQFP (64)
10mm x 10mm
–
Optical Networks
•
General Purpose Monitor & Control
•
Data Acquisition Systems
Functional Diagram
4 Power Amp Biasing Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC7832IPAP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7832IPAP TI1-AMC7832IPAP Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832IPAPR TI1-AMC7832IPAPR Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
More results

Similar Description - AMC7832IPAP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com