Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA508 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 1 Page - STMicroelectronics

  STA508 Datasheet HTML 1Page - STMicroelectronics STA508 Datasheet HTML 2Page - STMicroelectronics STA508 Datasheet HTML 3Page - STMicroelectronics STA508 Datasheet HTML 4Page - STMicroelectronics STA508 Datasheet HTML 5Page - STMicroelectronics STA508 Datasheet HTML 6Page - STMicroelectronics STA508 Datasheet HTML 7Page - STMicroelectronics STA508 Datasheet HTML 8Page - STMicroelectronics STA508 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PowerSO-36
with exposed pad up
Features
Multipower BCD technology
Minimum input output pulse width distortion
200 mΩ RdsON complementary DMOS output stage
CMOS compatible logic input
Thermal protection
Thermal warning output
Undervoltage protection
Description
STA508 is a monolithic quad half bridge stage in Multipower BCD technology. The
device can be used as dual bridge or reconfigured, by connecting CONFIG pin to
Vdd pin, as single bridge with double current capability, and as half bridge (Binary
mode) with half current capability.
The device is particularly designed to make the output stage of a stereo all-digital
high efficiency (DDX™) amplifier capable to deliver 80 + 80 W @ THD = 10 % at VCC
= 35 V output power on 8 Ω load.
In single BTL configuration is also capable to deliver a peak of 160 W @ THD = 10
% at VCC = 35 V on 4 Ω load. The input pins have threshold proportional to VL pin
voltage.
Maturity status link
STA508
Device summary
Order code
STA50813TR
Package
PowerSO-36 (EPU)
40 V, 4.5 A quad power half bridge
STA508
Datasheet
DS3503 - Rev 6 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STA508

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
logo
Sanken electric
STA508A SANKEN-STA508A Datasheet
25Kb / 1P
MOS FET Array
logo
STMicroelectronics
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
Feb-2006
More results

Similar Description - STA508

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
44-V, 5.5-A, quad power half bridge
13-Dec-2007
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
44-V, 5.5-A, quad power half-bridge
02-Sep-2011
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
40-volt, 3-amp, quad power half bridge
27-Apr-2010
logo
Texas Instruments
CSD88584Q5DC TI1-CSD88584Q5DC Datasheet
658Kb / 24P
40-V Half-Bridge NexFET Power Block
logo
Vishay Siliconix
VS-ENM040M60P VISHAY-VS-ENM040M60P Datasheet
593Kb / 17P
EMIPAK 1B PressFit Power Module 800 V Half Controlled Single Phase Bridge, 20 A 600 V PFC and Half Bridge MOSFET, 40 A
02-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com