Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA515W Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA515W
Description  40 V, 3 A, quad power half bridge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA515W Datasheet HTML 2Page - STMicroelectronics STA515W Datasheet HTML 3Page - STMicroelectronics STA515W Datasheet HTML 4Page - STMicroelectronics STA515W Datasheet HTML 5Page - STMicroelectronics STA515W Datasheet HTML 6Page - STMicroelectronics STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics STA515W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STA515W
6/16
DocID11079 Rev 3
Dt_d
High current dead time
(dynamic)
L = 22
H, C = 470 nF
RL = 8 , Idd = 3.0 A
see Figure 4
--
50
ns
td ON
Turn-on delay time
Resistive load
-
-
100
ns
td OFF
Turn-off delay time
Resistive load
-
-
100
ns
tr
Rise time
Resistive load
see Figure 3
--
25
ns
tf
Fall time
Resistive load
see Figure 3
--
25
ns
VCC
Supply operating voltage
-
10
-
36
V
VIN-Low
Half-bridge input, low level
voltage
--
-
VL / 2 -
300 mV
V
VIN-High
Half-bridge input, high level
voltage
-
VL / 2 +
300 mV
--V
IIN-H
High level input current
VIN = VL
-1
-
A
IIN-L
Low level input current
VIN = 0.3 V
-
1
-
A
IPWRDN-H
High level PWRDN pin input
current
VL = 3.3 V
-
35
-
A
VLow
Low logical state voltage
(pins PWRDN, TRISTATE)
(seeTable 7)
VL = 3.3 V
-
-
0.8
V
VHigh
High logical state voltage
(pins PWRDN, TRISTATE)
(seeTable 7)
VL = 3.3 V
1.7
-
-
V
IVCC-
PWRDN
Supply current from VCC in
power down
VPWRDN = 0 V
-
-
3
mA
IFAULT
Output current on pins
FAULT, THWARN with fault
condition
Vpin = 3.3 V
-
1
-
mA
IVCC-HiZ
Supply current from VCC in
3-state
VTRISTATE = 0 V
-
22
-
mA
IVCC
Supply current from VCC in
operation (both channels
switching)
Input pulse width
= 50% duty,
switching frequency
= 384 kHz,
no LC filters
-50
-
mA
IOCP
Overcurrent protection
threshold Isc (short circuit
current limit)
-3
6
-
A
VUVP
Undervoltage protection
threshold
--
7
-
V
tpw_min
Output minimum pulse width
No load
70
-
150
ns
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com