Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA515W Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA515W
Description  40 V, 3 A, quad power half bridge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics STA515W Datasheet HTML 10Page - STMicroelectronics STA515W Datasheet HTML 11Page - STMicroelectronics STA515W Datasheet HTML 12Page - STMicroelectronics STA515W Datasheet HTML 13Page - STMicroelectronics STA515W Datasheet HTML 14Page - STMicroelectronics STA515W Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID11079 Rev 3
11/16
STA515W
Application information
16
Applications circuits
Figure 7 below shows a typical full-bridge circuit for supplying 20 W + 20 W into 8
speakers with 10% THD at VCC = 18 V.
Figure 7. Typical stereo full-bridge configuration for 20 + 20 W
Figure 8 below shows a single-BTL configuration capable of supplying 40 W into a 4
 load
at 10% THD with VCC = 19 V. This result was obtained with peak power for <1 s using the
STA308+STA515W+STA50X demo board. A PWM modulator as driver is required.
Figure 8. Typical single-BTL configuration for 40 W
L18 22
μH
L19 22
μH
C30
1
μF
C20
100nF
C99
100nF
C101
100nF
C107
100nF
C106
100nF
C23
470nF
C55
1000
μF
C21
100nF
C58
100nF
C58
100nF
R57
10K
R59
10K
R63
20
R98
6
R100
6
C53
100nF
C60
100nF
C31
220nF
C52
330pF
R104
20
C109
330pF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWR_DN
FAULT
TRISTATE
THWARN
TH_WARN
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIG
VCCSIG
GNDREG
GNDCLEAN
IN2A
IN1B
IN2A
IN2B
PROTECTION
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUT1A
GND1A
OUT1A
VCC1A
14
12
10
11
OUT1B
GND1B
OUT1B
VCC1B
13
L113 22
μH
L112 22
μH
C32
220nF
+VCC
C108
470nF
C31
220nF
7
M17
M15
M16
M14
8
9
OUT2A
GND2A
OUT2A
VCC2A
6
4
2
3
OUT2B
GND2B
D00AU1148Bbc
OUT2B
VCC2B
5
19
31
20
GNDSUB
1
IN2B
32
C110
100nF
C111
100nF
R103
6
R102
6
8
Ω
8
Ω
10
μH
10
μH
100nF
FILM
220nF
X7R
220nF
X7R
1
μF
X7R
2200
μF
63V
220nF
680nF
FILM
100nF
FILM
100nF
10K
10K
3.3
1/2W
3.3
1/2W
100nF
X7R
100nF
X7R
Add.
IN1A
IN1A
VL
CONFIG
PWRDN
nPWR_DN
FAULT
TRISTATE
THWARN
TH_WARN
+3.3V
100nF
100nF
X7R
IN1B
VDD
VDD
VSS
VSS
VCCSIG
VCCSIG
GNDREG
GNDCLEAN
IN1B
IN2A
29
23
N.C.
24
25
27
26
28
30
21
22
33
34
35
36
17
16
18
OUT1A
GND1B
OUT1A
VCC1B
10
13
11
OUT1B
GND1A
OUT1B
14
Vcc
330pF
22
Ω
1/2W
4
Ω
GND2A
6
2
12
VCC1A
15
VCC2B
4
VCC2A
7
3
OUT2B
GND2B
D04AU1545bc
OUT2B
5
19
31
20
GNDSUB
1
IN2B
32
8
9
OUT2A
OUT2A
1
μF
X7R
Vcc
220nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com