Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA515W Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA515W
Description  40 V, 3 A, quad power half bridge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 2 Page - STMicroelectronics

  STA515W Datasheet HTML 1Page - STMicroelectronics STA515W Datasheet HTML 2Page - STMicroelectronics STA515W Datasheet HTML 3Page - STMicroelectronics STA515W Datasheet HTML 4Page - STMicroelectronics STA515W Datasheet HTML 5Page - STMicroelectronics STA515W Datasheet HTML 6Page - STMicroelectronics STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Introduction
STA515W
2/16
DocID11079 Rev 3
1
Introduction
Figure 1. STA515W circuit for quad single-ended amplifiers
L11 22
μH
L12 22
μH
C51
1
μF
C71
100nF
C91
1
μF
1
μF
1
μF
C81
100nF
C31 820
μF
C21
2200
μF
C58
100nF
C58
100nF
R57
10K
R59
10K
R41
20
R61
5K
R62
5K
R51
6
C53
100nF
C60
100nF
C61
100nF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWR_DN
FAULT
TRISTATE
THWARN
TH_WARN
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIG
VCCSIG
GNDREG
GNDCLEAN
IN2A
IN1B
IN2A
IN2B
PROTECTION
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUT1A
GND1A
OUT1A
VCC1A
14
12
10
11
OUT1B
GND1B
OUT1B
VCC1B
13
C52
1
μF
+VCC
C62
100nF
7
M17
M15
M16
M14
8
9
OUT2A
GND2A
OUT2A
VCC2A
6
4
2
3
OUT2B
GND2B
D03AU1474bc
OUT2B
VCC2B
5
19
31
20
GNDSUB
1
IN2B
32
C72
100nF
C92
1
μF
C82
100nF
R52
6
C41
330pF
R42
20
C42
330pF
C32 820
μF
L13 22
μH
L14 22
μH
C73
100nF
C93
1
μF
C83
100nF
C33 820
μF
R43
20
R53
6
C74
100nF
C94
1
μF
C84
100nF
R54
6
C43
330pF
R44
20
C44
330pF
C34 820
μF
R63
5K
R64
5K
R65
5K
R66
5K
R67
5K
R68
5K
4
Ω
4
Ω
4
Ω
4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com