Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA515W Datasheet (PDF) - STMicroelectronics

STA515W Datasheet PDF - STMicroelectronics
Part # STA515W
Download  STA515W Download
File Size   287.85 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 V, 3 A, quad power half bridge

STA515W Datasheet (PDF)

Go To PDF Page Download Datasheet
STA515W Datasheet PDF - STMicroelectronics

Part # STA515W
Download  STA515W Click to download

File Size   287.85 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 V, 3 A, quad power half bridge

STA515W Datasheet (HTML) - STMicroelectronics


STA515W Product details

Features
 Multipower BCD technology
 Low input/output pulse width distortion
 200 m RdsON complementary DMOS output
stage
 CMOS-compatible logic inputs
 Thermal protection
 Thermal warning output
 Undervoltage protection
 Short-circuit protection




Similar Part No. - STA515W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
40-volt, 3-amp, quad power half bridge
27-Apr-2010
More results


Similar Description - STA515W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
44-V, 5.5-A, quad power half bridge
13-Dec-2007
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
44-V, 5.5-A, quad power half-bridge
02-Sep-2011
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
40-volt, 3-amp, quad power half bridge
27-Apr-2010
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
18-volt, 3-amp, quad power half-bridge
22-Jun-2011
logo
Texas Instruments
CSD88584Q5DC TI1-CSD88584Q5DC Datasheet
658Kb / 24P
40-V Half-Bridge NexFET Power Block
logo
ON Semiconductor
FAD6263 ONSEMI-FAD6263 Datasheet
275Kb / 16P
Half-Bridge Gate Driver, 600 V, 3 A
July, 2019 ??Rev. P0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com