Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 1 Page - STMicroelectronics

  STAMP0TR Datasheet HTML 1Page - STMicroelectronics STAMP0TR Datasheet HTML 2Page - STMicroelectronics STAMP0TR Datasheet HTML 3Page - STMicroelectronics STAMP0TR Datasheet HTML 4Page - STMicroelectronics STAMP0TR Datasheet HTML 5Page - STMicroelectronics STAMP0TR Datasheet HTML 6Page - STMicroelectronics STAMP0TR Datasheet HTML 7Page - STMicroelectronics STAMP0TR Datasheet HTML 8Page - STMicroelectronics STAMP0TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
April 2016
DocID028639 Rev 1
1/62
This is information on a product in full production.
www.st.com
STAMP0
Microphone array processor with TDM output and recombination
for wide dynamic range microphones
Datasheet - production data
Features
•
Up to 4 dual-channel PDM inputs
supporting:
−
up to 8 single-membrane microphones
−
up to 4 dual-membrane microphones
•
Embedded recombination for dual-
membrane digital microphones
•
I
²C interface
•
3.3 V single supply operation
•
Single serial slave TDM interface
•
Supported PCM sample frequency 44.1 kHz
and 48 kHz
•
VFQFPN package
−
SMD-compliant
−
ECOPACK
®, RoHS and “Green”
compliant
Applications
•
Microphone array applications
•
Beam forming
•
Audio zooming
•
Speech recognition
•
Sound source localization
Description
STAMP0 is a microphone processor designed to
interface a plurality of digital microphones (PDM
inputs) to a generic MCU or host controller
through a serial TDM connection (PCM output).
STAMP0 has 4 PDM input lines to support
connection of up to 8 single-membrane digital
microphones or up to 4 dual-membrane
microphones. Recombination of the dual-
membrane microphone is embedded in the
device.
An internal PLL provides stable clock references
for the embedded processing as well as for the
external microphone array.
An I
²C interface allows setting the internal
registers for the control of the device depending
on the application requirements.
STAMP0 is housed in a small VFQFPN 28-lead 5
x 5 x 1 mm package.
Table 1: Device summary
Part
number
Temperature
range (°C)
Package
Packing
STAMP0
-40 to +125
VFQFPN 28L
5 x 5 x 1 mm
Tray
STAMP0TR
-40 to +125
VFQFPN 28L
5 x 5 x 1 mm
Tape
and reel
VFQFPN 28L 5 x 5 x 1 mm
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STAMP0TR

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
STAMFORD IRI-STAMFORD Datasheet
1Mb / 2P
RRA
More results

Similar Description - STAMP0TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
Wide Dynamic Range, High Speed
REV. 0
ADMP621 AD-ADMP621 Datasheet
327Kb / 16P
Wide Dynamic Range Microphone with PDM Digital Output
REV. 0
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
SSM2122 AD-SSM2122_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR/DUAL VCA
5/90, Rev. B1
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
Low-Power Quad-Channel Microphone ADC with TDM Output
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
TDK Electronics
ICS-40618 TDK-ICS-40618 Datasheet
258Kb / 16P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-40619 TDK-ICS-40619 Datasheet
260Kb / 17P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
Low-Noise Microphone with TDM Digital Output
INMP621 TDK-INMP621 Datasheet
487Kb / 20P
Wide Dynamic Range Microphone with PDM Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com