Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 25Page - STMicroelectronics STAMP0TR Datasheet HTML 26Page - STMicroelectronics STAMP0TR Datasheet HTML 27Page - STMicroelectronics STAMP0TR Datasheet HTML 28Page - STMicroelectronics STAMP0TR Datasheet HTML 29Page - STMicroelectronics STAMP0TR Datasheet HTML 30Page - STMicroelectronics STAMP0TR Datasheet HTML 31Page - STMicroelectronics STAMP0TR Datasheet HTML 32Page - STMicroelectronics STAMP0TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
29/62
Figure 22: PLL block internal architecture
The VCO inside the PLL produces a frequency output (FVCO) proportional to the Input
Control Voltage. The loop frequency divider (NDIV+FRAC) is present within the PLL loop
for dividing FVCO by a factor called the Loop Division Factor (NDIV). The output of this
block is FBCLK.
The loop divider can be configured in fractional mode so that the overall PLL multiplication
factor could be a rational number. The STAMP0 PLL provides a LOCKP signal so that the
output of the Lock circuit is asserted high when the PLL enters the state of COARSE LOCK
and low when the PLL is in the UNLOCK state. If the output frequency is within ±10%
(approx.) of the desired frequency, the PLL is said to be in COARSE LOCK, otherwise the
PLL is in the UNLOCK state. The LOCKP signal is refreshed after every 32 cycles of
INFIN. This is generated based on the result of the comparison of the number of FBCLK
cycles in a window of 14 INFIN cycles. The different cases generated after comparison are:
If LOCKP is already at "0", then in the next refresh cycle LOCKP goes to "1" if the number
of FBCLK cycles in the 14 cycle INFIN window is 13, 14 or 15. Otherwise LOCKP stays at
"0"
If LOCKP is already at "1", then in the next refresh cycle LOCKP goes to "0" if the number
of FBCLK cycles in 14 cycle INFIN window is less than 11 or higher than 17, otherwise
LOCKP stays at "1".
If LOCKP is already at "1" and CLKIN disappears, LOCKP will stay at "1" though the PLL
will get unlocked.
The output PLL frequency can be expressed as:
Equation 3
������������������������������������������������=������������������������������������������������������������������������×�������������������������������������������������+������������������������������������������������216+2−17�
where:
when DITHER_DISABLE[1] =’1’, the factor 2
-17 will not be present in the formula
when FRAC_CTRL=’0’ also the FRAC term will not be present in the formula.
The PLL receives as input the SCK external clock and it generates a PLL_CLK frequency
equal to 2048xFs. Moreover the PLL is programmed using the IDF and NDIV parameters
coming from the PLL AutoConf block. Table 8: "PLL frequency values" indicates the
PLL_CLK frequencies generated as a function of the SCK and FSY frequencies.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com