Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 28Page - STMicroelectronics STAMP0TR Datasheet HTML 29Page - STMicroelectronics STAMP0TR Datasheet HTML 30Page - STMicroelectronics STAMP0TR Datasheet HTML 31Page - STMicroelectronics STAMP0TR Datasheet HTML 32Page - STMicroelectronics STAMP0TR Datasheet HTML 33Page - STMicroelectronics STAMP0TR Datasheet HTML 34Page - STMicroelectronics STAMP0TR Datasheet HTML 35Page - STMicroelectronics STAMP0TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
I²C registers
STAMP0
32/62
DocID028639 Rev 1
5
I²C registers
5.1
Register summary
Table 10: Register summary
Addr.
Name
B7
B6
B5
B4
B3
B2
B1
B0
0x00
soft_rst
RST_SOFT
Clock manager configuration registers
0x01
PLL1
PDPDC
PLLFC
PLL
STRB
PLL
STRBB
IDF
0x02
PLL2
DITHD
NDIV
0x03
PLL3
PLLFI[15:8]
0x04
PLL4
PLLFI[7:0]
0x05
Clkmgr1
-
-
-
-
PLLOSC_
BYP
PLLBYP
LOWEN
AUTO
PLL
0x06
Clkmgr2
-
-
-
AUTO
PLLS
PLL
BYPS
PLLPDS
OSCOK
LOW
CKS
0x07
Clkmgr3
-
SYNC_
CLK_EN
SYNC_CLK_N
0x08
Clkmgr4
PDM INT PHASES
MICCLK_
EN
-
-
-
-
Serial output interface
0x09
TDM
-
DATA_
ALIGN
SLOT_
SIZE
SCK_
RATE
DATA_
FSY_
VALID
FRAME_
START
TDM_
EN
Channel mapping configuration registers
0x0A
CH12_map
SLOT1s
SLOT2s
0x0B
CH34_map
SLOT3s
SLOT4s
0x0C
CH56_map
SLOT5s
SLOT6s
0x0D
CH78_map
SLOT7s
SLOT8s
RMS meter configuration registers
0x0E
RMS1
COMP_B
COMP_SEL
-
0x0F
RMS2
RMS_TH[15:8]
0x10
RMS3
RMS_TH[7:0]
0x11
RMS4
RMS_EN[15:8]
0x12
RMS5
RMS_EN[7:0]
0x13
RMS6
RMS_CH1[15:8]
0x14
RMS7
RMS_CH1[7:0]
0x15
RMS8
RMS_CH2[15:8]
0x16
RMS9
RMS_CH2[7:0]
0x17
RMS10
RMS_CH3[15:8]
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com