Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 8Page - STMicroelectronics STAMP0TR Datasheet HTML 9Page - STMicroelectronics STAMP0TR Datasheet HTML 10Page - STMicroelectronics STAMP0TR Datasheet HTML 11Page - STMicroelectronics STAMP0TR Datasheet HTML 12Page - STMicroelectronics STAMP0TR Datasheet HTML 13Page - STMicroelectronics STAMP0TR Datasheet HTML 14Page - STMicroelectronics STAMP0TR Datasheet HTML 15Page - STMicroelectronics STAMP0TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
Electrical specifications
STAMP0
12/62
DocID028639 Rev 1
3.3
Electrical characteristics
The values listed in the table below are specified for VDD = 3.3 V, VDD_PLL = 3.3 V and
Tamb = 25 °C, unless otherwise stated.
Table 5: Electrical specifications
Symbol
Parameter
Test condition
Min.
Typ.
(1)
Max.
Unit
VDD
Supply voltage
3.0
3.3
3.6
V
VDD_PLL
PLL supply voltage
3.0
3.3
3.6
V
IDD
Operating current
clk = mckl = 100 MHz
VDD = 3.6 V
70
mA
VDD_PLL= 3.6 V
20
mA
IDD_STBY
Standby current
VDD = 3.6 V
2.5
mA
VDD_PLL = 3.6 V
450
µA
Digital IO characteristics
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
VDD-0.15
V
VOL
Low-level output voltage
0.15
V
VHYST
Schmitt trigger hysteresis
400
mV
RDW
Pull-down resistance
(@Vi = VDD)
32
50
120
kW
IIH/IIL
Input pad leakage
-2
0.02
2
µA
PLL characteristics
CLK_IN
Input clock frequency
range
2.048
49.152
MHz
D_IN
Input clock duty cycle
40
60
%
RT_IN
Clock in rise time
0.2
ns
FT_IN
Clock in fall time
0.2
ns
INF_IN
Phase comparator freq.
range
FRAC CTRL=0
2.048
16.384
MHz
FRAC CTRL=1
2.048
12.288
MHz
FVCO
PLL output frequency
65.536
98.304
MHz
Free-running
(CLCKIN=0)
10
32
MHz
PKVCO
Peal overshoot in VCO
freq.
10
%
DVCO
FVCO duty cycle
35
65
%
LT
Lock time
200
µs
PLL_BW
PLL bandwidth
5 < NDIV < 31
2040/NDIV
4705/NDIV
kHz
32 < NDIV < 48
77
149
kHz
JPK
Jitter peaking at BW
3
dB
Notes:
(1)
Typical specifications are not guaranteed.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com