Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 14Page - STMicroelectronics TDA7492 Datasheet HTML 15Page - STMicroelectronics TDA7492 Datasheet HTML 16Page - STMicroelectronics TDA7492 Datasheet HTML 17Page - STMicroelectronics TDA7492 Datasheet HTML 18Page - STMicroelectronics TDA7492 Datasheet HTML 19Page - STMicroelectronics TDA7492 Datasheet HTML 20Page - STMicroelectronics TDA7492 Datasheet HTML 21Page - STMicroelectronics TDA7492 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Characterization curves
TDA7492
18/32
DocID014926 Rev 6
4.3
Characterizations for 4-
 loads
Figure 19. Output power vs. supply voltage
Figure 20. THD vs. output power (1 kHz)
Test conditions:
Vcc = 15 - 22 V,
RL = 4
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 20 dB,
Tamb = 25 C
Specification limit:
Typical:
Vs = 20 V, RL = 4
Ω,
Po = 47 W at THD = 10%,
Po = 38 W at THD = 1%
10% THD
1% THD
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD + N
%
100m
50
200m
500m
1
2
5
10
20
Test conditions:
Vcc = 20 V,
RL = 4
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 20 dB,
Tamb = 25 C
Specification limit:
Typical:
Po = 38 W at THD = 1%
Output power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com