Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 24Page - STMicroelectronics TDA7492 Datasheet HTML 25Page - STMicroelectronics TDA7492 Datasheet HTML 26Page - STMicroelectronics TDA7492 Datasheet HTML 27Page - STMicroelectronics TDA7492 Datasheet HTML 28Page - STMicroelectronics TDA7492 Datasheet HTML 29Page - STMicroelectronics TDA7492 Datasheet HTML 30Page - STMicroelectronics TDA7492 Datasheet HTML 31Page - STMicroelectronics TDA7492 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Applications information
TDA7492
28/32
DocID014926 Rev 6
6.8
Heatsink requirements
As with most amplifiers, the power dissipated within the device depends primarily on the
supply voltage, the load impedance and the output modulation level.
The maximum estimated power dissipation for the TDA7492 is around 7 W. At 25 °C
ambient a heatsink having Rth =15 °C/W is sufficient for sine-wave testing at maximum
power. A musical program, however, dissipates about 40% less power than this and a
heatsink with Rth = 25 °C/W is thus recommended. Even at the maximum recommended
ambient temperature for consumer applications of 50 °C there is still a clear safety margin
before the maximum junction temperature (150 °C) is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com