Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 15Page - STMicroelectronics TDA7492 Datasheet HTML 16Page - STMicroelectronics TDA7492 Datasheet HTML 17Page - STMicroelectronics TDA7492 Datasheet HTML 18Page - STMicroelectronics TDA7492 Datasheet HTML 19Page - STMicroelectronics TDA7492 Datasheet HTML 20Page - STMicroelectronics TDA7492 Datasheet HTML 21Page - STMicroelectronics TDA7492 Datasheet HTML 22Page - STMicroelectronics TDA7492 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DocID014926 Rev 6
19/32
TDA7492
Characterization curves
32
Figure 21. THD vs. output (100 Hz)
Figure 22. THD vs. frequency
Figure 23. Frequency response
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD + N
%
100m
50
200m
500m
1
2
5
10
20
Test conditions:
Vcc = 20 V,
RL = 4
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 100 Hz,
Gv = 20 dB,
Tamb = 25 C
Specification limit:
Typical:
Po = 38 W at THD = 1%
Output power (W)
Test conditions:
Vcc = 20 V,
RL = 4
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 20 dB,
0 dB at f = 1 kHz,
Po = 1 W,
Tamb = 25 C
Specification limit:
Typical: THD < 0.4%
0.01
0.5
0.02
0.03
0.04
0.05
0.06
0.07
0.1
0.2
0.3
0.4
THD + N
%
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
-3
+1
-2.75
-2.5
-2.25
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
-0
+0.25
+0.5
+0.75
dBrA
20
20k
50
100
200
500
1k
2k
5k
10k
Test conditions:
Vcc = 20 V,
RL = 4
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 20 dB,
0 dB at f = 1 kHz,
Po = 1 W,
Tamb = 25 C
Specification limit:
Typical:
Max: +/-3 dB (20 Hz to 20 kHz)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com