Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 18Page - STMicroelectronics TDA7492 Datasheet HTML 19Page - STMicroelectronics TDA7492 Datasheet HTML 20Page - STMicroelectronics TDA7492 Datasheet HTML 21Page - STMicroelectronics TDA7492 Datasheet HTML 22Page - STMicroelectronics TDA7492 Datasheet HTML 23Page - STMicroelectronics TDA7492 Datasheet HTML 24Page - STMicroelectronics TDA7492 Datasheet HTML 25Page - STMicroelectronics TDA7492 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Applications circuit
TDA7492
22/32
DocID014926 Rev 6
5
Applications circuit
Figure 28. Applications circuit for class-D amplifier
Class-D amplifier
LC filter components
Load
L1,L2,L3,L4 C20,C26
4
15 μH
470 nF
6
22 μH
220 nF
8
33 μH
220 nF
16
68 μH
220 nF
Input settings for gain:
GAIN0 : GAIN1
Nominal gain
0 V : 0 V
21.6 dB
0 V : 3.3 V
27.6 dB
3.3 V : 0 V
31.1 dB
3.3 V : 3.3 V
33.6 dB
Input settings for standby, mute and play:
STBY : MUTE
Mode
0 V : 0 V
Standby
0 V : 3.3 V
Standby
3.3 V : 0 V
Mute
3.3 V : 3.3 V
Play
TDA7492P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com