Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV26124-R-00A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV26124-R-00A
Description  4-Cell, 24V Input, 600kHz, Switching Li-Ion Battery Charger EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV26124-R-00A Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV26124-R-00A Datasheet HTML 1Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 2Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 3Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV26124-R-00A – 600kHz 2A SWITCHING LI-ION BATTERY CHARGER EV BOARD
EV26124-R-00A Rev. 1.2
www.MonolithicPower.com
2
11/8/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
VREF33
5
VCC
1
CHGOK
4
ACOK
3
CELLS
7
NTC
2
SW
15
BST
14
CSP
11
BATT
10
COMP1
9
COMPV
8
TMR
13
EN
6
U1
MP26124GR
1uF
C7
10
R5
2
3
SI2319DS
M1
2
3
SI2319DS
M2
100K
R2
100K
R3
4.7uF
C1
VIN
GND
2
1
1uF
C3
REF33
20K
R6
20K
R7
1
2
ACOK
1
2
CHGOK
ACOK
ACOK
REF33
10K
R10
10K
R11
NTC
EN
10uH
L1
2
1
100nF
C4
200m
R4
750
R8
2.7K
R9
2.2nF
C8
2.2nF
C9
100nF
C10
BATT
GND
10uF
C5
NTC
GND3
NTC
EN
EN
NC
R1
JP3
REF33
4.7uF
C2
NC
C6
D1
B260



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com