Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV26124-R-00A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # EV26124-R-00A
Description  4-Cell, 24V Input, 600kHz, Switching Li-Ion Battery Charger EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV26124-R-00A Datasheet(HTML) 5 Page - Monolithic Power Systems

  EV26124-R-00A Datasheet HTML 1Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 2Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 3Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV26124-R-00A – 600kHz 2A SWITCHING LI-ION BATTERY CHARGER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV26124-R-00A Rev. 1.2
www.MonolithicPower.com
5
11/8/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
QUICK-START GUIDE
This board is used for the MP26124 application of standalone switching chargers, which can charge
four Li-ion batteries. The board layout accommodates the most commonly used capacitors.
The two LEDs are operating status indicators. When the input is sufficient for charging the battery load,
the ACOK LED is on; otherwise, it is off. When the charging operation is normal, the CHGOK LED is on.
If any event occurs including battery full, NTC fault, timer out, thermal protection, or EN disable,
CHGOK LED turns off.
Particularly, CHGOK LED will be twinkling if BATT is floated.
Follow the steps below to quick-start the board.
1. Charge current setting:
The charge current can be programmed by the sense resistor R4 with Equation (1):

mΩ
R4
200mV
(A)
I
CHG
(1)
2. Preset the power supply output to 24V and then turn it off. Attach the positive and negative ends of
the power supply output to the VIN and GND pins, respectively.
3. Attach the positive and negative ends of the battery to the BATT and GND pins, respectively.
4. Turn the power supply on. The board starts up automatically if EN is pulled to GND.
5. To use the enable function, apply a digital input to the EN pin. Drive EN above 1.8V to turn off the
charger. Drive EN below 0.4V to turn on the charger.
Refer to the MP26124 datasheet for further detailed information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com