Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV26124-R-00A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV26124-R-00A
Description  4-Cell, 24V Input, 600kHz, Switching Li-Ion Battery Charger EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV26124-R-00A Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV26124-R-00A Datasheet HTML 1Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 2Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 3Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV26124-R-00A
4-Cell, 24V Input, 600kHz,
Switching Li-Ion Battery Charger EV Board
EV26124-R-00A Rev. 1.2
www.MonolithicPower.com
1
11/8/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The EV26124-R-00A is an evaluation board for
the MP26124, a high-performance, 4-cell, Li-ion
battery switching charger with a built-in internal
power MOSFET.
The EV26124-R-00A achieves 1A of charge
current over a wide input supply range. The
charge current can be programmed by sensing
the current through an accurate sense resistor.
The MP26124 regulates the charge current and
full-charge voltage using two control loops to
achieve a highly accurate CC charge and CV
charge.
The MP26124 integrates trickle charge, auto-
recharge, and charger timer functions.
Full
protection
features
includes
thermal
protection, battery temperature monitoring, and
protection. The IC also indicates AC adapter
power good and charge status to the system.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input voltage
VIN
10~24
V
Charge current
ICHG
1
A
FEATURES
 Charge 4-Series Li-Ion Cells
 Wide Operating Input Range
 1A Charging Current
 ±0.75% VBATT Accuracy
 Up to 96% Efficiency
 Fixed 600kHz Frequency
 Preconditioning for Fully Depleted Batteries
 Charging Operation Indicator
 Input Supply and Battery Fault Indicator
 Thermal Shutdown
 Battery Temperature Monitor and Protection
APPLICATIONS
 Distributed Power Systems
 Chargers for 4-Cell Li-Ion Batteries
 Pre-Regulator for Linear Regulators
 Robots
 Cleaners
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
EV26124-R-00A EVALUATION BOARD
(L x W x H) (6.25cm x 6.35cm x 1.2cm)
Board Number
MPS IC Number
EV26124-R-00A
MP26124GR


Similar Part No. - EV26124-R-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2662 MPS-EV2662 Datasheet
525Kb / 2P
MP2662 Evaluation Kit 500mA, I2C Controlled Battery Charger with Power-Path Management, 1mA Termination and <1關A Battery Leakage for Single-Cell Li-Ion Battery
EV2662-C-00A MPS-EV2662-C-00A Datasheet
525Kb / 2P
MP2662 Evaluation Kit 500mA, I2C Controlled Battery Charger with Power-Path Management, 1mA Termination and <1關A Battery Leakage for Single-Cell Li-Ion Battery
logo
MPS Industries, Inc.
EV2696B-Q-00A MPSIND-EV2696B-Q-00A Datasheet
1Mb / 34P
I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
Rev. 1.0 4/16/2021
More results

Similar Description - EV26124-R-00A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2619 MPS-MP2619 Datasheet
502Kb / 20P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com