Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV26124-R-00A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EV26124-R-00A
Description  4-Cell, 24V Input, 600kHz, Switching Li-Ion Battery Charger EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV26124-R-00A Datasheet(HTML) 3 Page - Monolithic Power Systems

  EV26124-R-00A Datasheet HTML 1Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 2Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 3Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV26124-R-00A Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV26124-R-00A – 600kHz 2A SWITCHING LI-ION BATTERY CHARGER EV BOARD
EV26124-R-00A Rev. 1.2
www.MonolithicPower.com
3
11/8/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EV26124-R-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufactuer_P/N
2
C1, C2
4.7μF
Ceramic Capacitor;
50V;X7R
1210
muRata
GRM32ER71H475KA88L
1
C3
1μF
Ceramic Capacitor;25V;
X7R
0603
muRata
GRM188R71E105KA12D
2
C4, C10
100nF
Ceramic Capacitor;50V;
X7R
0603
TDK
C1608X7R1H104K
1
C5
10μF
Ceramic Capacitor;35V;
X7R
1210
muRata
GRM32ER7YA106KA12L
1
C6
NC
Ceramic Capacitor;
35V;X7R
1210
muRata
GRM32ER7YA106KA12L
1
C7
1μF
Ceramic Capacitor;
50V;X7R
0805
muRata
GRM21BR71H105KA12L
1
C8
4.7nF
Ceramic Capacitor;
50V;X7R;0603
0603
TDK
C1608X7R1H472K
1
C9
2.2nF
Ceramic Capacitor;
50V;X7R;0603
0603
TDK
C1608X7R1H222K
1
D1
B260A
schottky diode 2A 60V;
SMB
Diodes
B260A
1
CHGOK
LED, Green
0805
BL-HGB35A-TRB
1
L1
10μH
Inductor;10uH;36m;3.2A
SMD
TMP
SPC-08045-100GP
2
M1, M2
SI2319
DS
P-Channel MOSFET;
-40V; 130mohm
SOT-23
Vishay
SI2319DS
1
R1
NC
Film Resistor;5%;
0805
0805S8J0000T5E
2
R2, R3
100kΩ
Resistor;5%;
0603
Royalohm
0603J0104T5E
1
R4
200mΩ
Film Resistor;1%;2W;
2512
Yageo
1
R5
10Ω
Film Resistor;5%;
0603
0603SAJ0100T5E
2
R6, R7
20kΩ
Film Resistor;5%;
0603
653610846CR03T03705N
J20K
1
R8
750Ω
Film Resistor;1%
0603
Yageo
RC0603FR-07750RL
1
R9
2.7kΩ
Film Resistor;5%;1/10W
0603
LIZ
CR0603JA0272G
2
R10,
R11
10kΩ
Film Resistor;1%;
0603
Yageo
RC0603FR-0710KL
1
ACOK
LED, Red
0805
BL-HUF35A-TRB
1
U1
Switching charger
QFN-16
(4x4)
MPS
MP26124GR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com