Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS2MTY Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MB85RS2MTY
Description  2M (256 K X 8) Bit SPI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MTY Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85RS2MTY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 9Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MB85RS2MTY(AEC-Q100 Compliant)
10
DS501-00061-3v1-E
RDID
The RDID command reads fixed Device ID. After performing RDID op-code to SI, 32-cycle clock is input
to SCK. The SI value is invalid for this time. SO is output synchronously to a falling edge of SCK. The output
is in order of Manufacturer ID (8bit)/Continuation code (8bit)/Product ID (1st Byte)/Product ID (2nd Byte).
In the RDID command, 32-bit Device ID is output by continuously sending SCK clock, and SO holds the
output state of the last bit until CS is risen.
RUID
The RUID command reads an unique ID which is defined in 64bits for each device. After performing RUID
op-code to SI, 64-cycle clock is input to SCK. The SI value is invalid for this time. SO is output synchronously
to a falling edge of SCK.
The unique ID is stable between before and after reflow. Refer “ REFLOW CONDITIONS AND FLOOR
LIFE” for the reflow condition.
SO
SCK
SI
CS
MSB
7
6
5
4
3
2
1
0
Data Out
Data Out
High-Z
LSB
11
10
9
8
33
32
31
39
38
37
36
35
34
Invalid
30
28
29
31
10011111
20
1
3
64
5
7
8
bit
7
6
5
4
3
2
1
0 Hex
Manufacturer ID
0
0
0
0
0
1
0
0
04H Fujitsu
Continuation code
0
1
1
1
1
1
1
1
7FH
Proprietary use
Density
Hex
Product ID (1st Byte)
0
1
0
0
1
0
0
0
48H Density: 01000B  2Mbit
Proprietary use
Hex
Product ID (2nd Byte) 0
0
0
0
1
0
1
0
0AH
SO
SCK
SI
CS
MSB
7
6
5
4
3
2
1
0
Data Out
Data Out
High-Z
LSB
11
10
9
8
65
64
63
71
70
69
68
67
66
Invalid
62
60
61
63
01001100
20
1
3
64
5
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com