Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS2MTY Datasheet(PDF) 12 Page - RAMXEED LIMITED

Part # MB85RS2MTY
Description  2M (256 K X 8) Bit SPI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MTY Datasheet(HTML) 12 Page - RAMXEED LIMITED

Back Button MB85RS2MTY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 9Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 14Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 15Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 16Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MB85RS2MTY(AEC-Q100 Compliant)
12
DS501-00061-3v1-E
SSWR
The SSWR command writes data to special sector (a special region of 256 Byte in FeRAM). SSWR op-code,
arbitrary 24 bits address and 8-bit writing data are input to SI. The 16-bit upper address is invalid. When
input of 8-bit writing data is completed, it starts writing data to special sector. Risen CS will terminate the
SSWR command, but if you continue the writing data for each before CS rising, it is possible to continue
writing with automatic address increment. When it reaches the most significant address, roll over is not
happen, the data hereafter is ignored.
The data in special sector is stable between before and after reflow. Refer “ REFLOW CONDITIONS AND
FLOOR LIFE” for the reflow condition.
SSRD
The SSRD command reads data from special sector (a special region of 256 Byte in FeRAM). SSWR op-
code and arbitrary 24 bits address are input to SI. The 16-bit upper address is invalid. Then, 8-cycle clock
is input to SCK. SO is output synchronously to the falling edge of SCK. While reading, the SI value is invalid.
When CS is risen, the SSRD command is completed, but keeps on reading with automatic address increment
which is enabled by continuously sending clocks to SCK in unit of 8 cycles before CS rising. When it reaches
the most significant address, roll over is not happen.
The data in special sector is stable between before and after reflow. Refer “ REFLOW CONDITIONS AND
FLOOR LIFE” for the reflow condition.
CS
SCK
Data In
SI
MSB
LSB MSB
LSB
High-Z
10 11
0123456789
24 25 26
31 32
23
27 28 29 30
33 34 35 36 37 38 39
0100001
3
0 XXXX
6
2 1 0
SO
X 7
54
3210
7654
24 bit addresses
ope. code
CS
SCK
SI
Invalid
MSB
LSB
MSB
Data Out
LSB
High-Z
Invalid
45
0123
26 27
6 7 8 9 10 11
23 24 25
38 39
28 29 30 31 32 33 34 35 36 37
01001011 X
32
XXX
6
X7
54
SO
76
3
10
54
210
24 bit addresses
ope. code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com