Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS2MTY Datasheet(PDF) 18 Page - RAMXEED LIMITED

Part # MB85RS2MTY
Description  2M (256 K X 8) Bit SPI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MTY Datasheet(HTML) 18 Page - RAMXEED LIMITED

Back Button MB85RS2MTY Datasheet HTML 14Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 15Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 16Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 17Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 18Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 19Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 20Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 21Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 22Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MB85RS2MTY(AEC-Q100 Compliant)
18
DS501-00061-3v1-E
2. AC Characteristics
*1: In SSRD command, 60ns(max.)
AC Test Condition
Power supply voltage
: 1.8 V to 3.6 V Operation
Operation ambient temperature :  40 C to  125 C
Input voltage magnitude
: VDD  0.8  VIH  VDD
0  VIL  VDD  0.2
Input rising time
: 5 ns
Input falling time
: 5 ns
Input judge level
: VDD/2
Output judge level
: VDD/2
Parameter
Symbol
Value
Unit
Condition
VDD
Min
Max
SCK clock frequency
fCK
50
MHz
all commands ex-
cept for READ/
SSRD
40
READ command
10
SSRD command
Clock high time
tCH
9
ns
Clock low time
tCL
9
ns
Chip select set up time
tCSU
11
ns
Chip select hold time
tCSH
5
ns
Output disable time
tOD
10
ns
Output data valid time
tODV
9
ns
*1
Output hold time
tOH
0
ns
Deselect time
tD
40
ns
Data in rising time
tR
50
ns
Data falling time
tF
50
ns
Data set up time
tSU
5
ns
Data hold time
tH
5
ns
DPD recovery pulse width
tCSWL
100
ns
DPD recovery time
tRECDPD
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com