Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS2MTY Datasheet(PDF) 25 Page - RAMXEED LIMITED

Part # MB85RS2MTY
Description  2M (256 K X 8) Bit SPI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MTY Datasheet(HTML) 25 Page - RAMXEED LIMITED

Back Button MB85RS2MTY Datasheet HTML 21Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 22Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 23Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 24Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 25Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 26Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 27Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 28Page - RAMXEED LIMITED MB85RS2MTY Datasheet HTML 29Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
MB85RS2MTY(AEC-Q100 Compliant)
DS501-00061-3v1-E
25
PACKAGE DIMENSION
8-pin plastic SOP
Lead pitch
1.27 mm
Package width
×
package length
3.9 mm
× 4.9 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting heigth
1.75 mm MAX
8-pin plastic SOP
Note *: These dimensions do not include resin protrution.
1pin
4pin
5pin
8pin
0.4(Min)
Details of “A” part
4.90±0.1*
0.41±0.1
1.27
“A”
Pins width and pins thickness include plating thickness.
Dimenssions in mm
Pins width not do ninclude tie bar cutting remaindar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com