Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ78350DBT-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ78350DBT-R1A Datasheet HTML 12Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 13Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 14Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 15Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 16Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 17Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 18Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 19Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
BQ78350-R1A
SLUSE05 – DECEMBER 2019
www.ti.com
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
9.2.2 Design Requirements
Table 1 lists the device's default settings and feature configurations when shipped from Texas Instruments.
Table 1. TI Default Settings
Design Parameter
Value or State
Cell Configuration
5s2p (5-series with 1 Parallel)
Design Capacity
4400 mAh
Device Chemistry
Chem ID 1210 (LiCoO2/graphitized carbon)
Cell Over Voltage (per cell)
4250 mV
Cell Under Voltage (per cell)
2500 mV
Overcurrent in CHARGE Mode
6000 mA
Overcurrent in DISCHARGE Mode
–6000 mA
Over Load Current
0.017 V/Rsense across SRP, SRN
Short Circuit in DISCHARGE Mode
0.44 V/Rsense across SRP, SRN
Over Temperature in CHARGE Mode
55°C
Over Temperature in DISCHARGE Mode
55°C
SAFE Pin Activation Enabled
No
Safety Overvoltage (per cell)
4400 mV
Safety Undervoltage (per cell)
2500 mV
Shutdown Voltage
2300 mV
Cell Balancing Enabled
Yes
Internal or External Temperature Sensor
External Enabled
SMB BROADCAST Mode
Disabled
Display Mode (# of bars and LED or LCD)
5-bar LED
Dynamic SMB Address Enabled
No (SMB Address = 0x16)
KEYIN Feature Enabled
No
PRES Feature Enabled
No
9.2.3 Detailed Design Procedure
By default, the BQ78350-R1A device is initially set up to keep the CHG, DSG, and PCHG FETs OFF and many
other features disabled until the appropriate ManufacturingStatus() bit that enables ManufacturerAccess()
commands are received, or when the default Manufacturing Status is changed.
In the first steps to evaluating the device and BQ769x0 AFE, use the ManufacturerAccess() commands to ensure
correct operation of features, and if they are needed in the application. Then enable features' reading for more in-
depth application evaluation.
Prior to using the device, the default settings should be evaluated as the device has many configuration settings
and options. These can be separated into five main areas:
•
Measurement System
•
Gas Gauging
•
Charging
•
Protection
•
Peripheral Features
The key areas of focus are covered in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com