Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ78350DBT-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A Datasheet(HTML) 1 Page - Texas Instruments

  BQ78350DBT-R1A Datasheet HTML 1Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 2Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 3Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 4Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 5Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BAT
VC5
VC4
VC3
VC2
VC1
VSS
SCL
SDA
CHG
DSG
REGSRC
REGOUT
SRN
SRP
VC0
CAP 1
TS 1
ALERT
PUSH-BUTTON
FOR BOOT
PACK+
PACK–
VCC
ALERT
SDA
SCL
VSS
SMBD
SMBC
SMBD
SMBC
bq76920
PRES
LED1
LED2
LED3
LED4
LED5
KEYIN
BAT
VEN
COM
PWRM
GPIOA
SAFE
VAUX
SMBA
GPIOB
ADREN
RBI
PRECHG
MRST
DISP
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
BQ78350-R1A
SLUSE05 – DECEMBER 2019
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to
the BQ769x0 Battery Monitoring AFE
1
1 Features
1
•
Compensated end-of-discharge voltage (CEDV)
gauging algorithm
•
Supports SMBus host communication
•
Flexible configuration for 3- to 5-series
(BQ76920), 6- to 10-series (BQ76930), and 9- to
15-series (BQ76940) li-ion and LiFePO4 batteries
•
Supports battery configurations up to 320 Ahr
•
Supports charge and discharge current reporting
up to 320 A
•
On-chip temperature sensor option
•
External NTC thermistor support from companion
AFE
•
Full array of programmable protection features
–
Voltage, current, and temperature
–
System components
•
Lifetime data logging
•
Supports CC-CV charging, including precharge,
charge inhibit, and charge suspend
•
Offers an optional resistor programmable SMBus
slave address for up to eight different bus
addresses
•
Drives up to a 5-segment LED or LCD display for
state-of-charge indication
•
Provides SHA-1 authentication
2 Applications
•
Light electric vehicles (levs): ebikes, escooters,
pedelec, and pedal-assist bicycles
•
Power and gardening tools
•
Battery backup and uninterruptible power supply
(UPS) systems
•
Wireless base station backup systems
•
Telecom power systems
•
Handheld vacuum cleaners and robot vacuums
3 Description
The Texas Instruments BQ78350-R1A li-ion and
LiFePO4
Battery
Management
Controller
and
companion to the BQ769x0 family of analog front end
(AFE) protection devices provides a comprehensive
set
of
Battery
Management
System
(BMS)
subsystems,
helping
to
accelerate
product
development for faster time-to-market.
The BQ78350-R1A controller and the BQ769x0 AFE
support 3-series to 15-series cell applications. The
BQ78350-R1A device provides an accurate fuel
gauge and state-of-health (SoH) monitor, as well as
cell balancing and a full range of voltage-, current-,
and temperature-based protection features.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
BQ78350-R1A
TSSOP (30)
7.80 mm x 6.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ78350DBT-R1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350DBT-R1A TI1-BQ78350DBT-R1A Datasheet
590Kb / 26P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ78350DBT-R1A TI2-BQ78350DBT-R1A Datasheet
975Kb / 31P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
DECEMBER 2019
BQ78350DBT-R1A.A TI2-BQ78350DBT-R1A.A Datasheet
975Kb / 31P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
DECEMBER 2019
More results

Similar Description - BQ78350DBT-R1A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6871 ATMEL-ATA6871 Datasheet
811Kb / 23P
Li-ion Battery Management Monitoring Emergency and Backup Circuit
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
logo
STMicroelectronics
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
05-Nov-2010
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
Single Cell Li-Ion Battery Gas Gauge and Protection
BQ3055 TI1-BQ3055_15 Datasheet
1Mb / 38P
CEDV Gas Gauge and Battery Pack Manager
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
Single Cell Li-Ion Battery Gas Gauge
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
Battery Management Controller Companion
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
Multi-Chemistry CEDV Battery Gas Gauge
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com