Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ78350DBT-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ78350DBT-R1A Datasheet HTML 3Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 4Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 5Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 9Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 10Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Specified by design. Not production tested
7.11 Electrical Characteristics: Register Backup
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(RB)
RB data-retention input
current
V(RB) > V(RBMIN), VCC < VIT–
1500
nA
V(RB) > V(RBMIN), VCC < VIT–, TA = 0°C
to 50°C
40
160
V(RB)
RB data-retention
voltage(1)
1.7
V
(1)
The BQ78350-R1A device times out when any clock low exceeds tTIMEOUT.
(2)
tHIGH:MAX is minimum bus idle time. SMBC = 1 for t > 50 μs causes a reset of any transaction in progress involving the BQ78350-R1A
device.
(3)
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to stop.
(4)
tLOW:MEXT is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to stop.
7.12 SMBus Timing Specifications
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fSMB
SMBus operating
frequency
SLAVE mode, SMBC 50% duty cycle
10
100
kHz
fMAS
SMBus master clock
frequency
MASTER mode, no clock low slave
extend
51.2
kHz
tBUF
Bus free time between
start and stop
4.7
µs
tHD:STA
Hold time after
(repeated) start
4
µs
tSU:STA
Repeated start setup
time
4.7
µs
tSU:STO
Stop setup time
4
µs
tHD:DAT
Data hold time
RECEIVE mode
0
ns
TRANSMIT mode
300
tSU:DAT
Data setup time
250
tTIMEOUT
Error signal/detect
See note(1)
25
35
ms
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
See note(2)
4
50
tLOW:SEXT
Cumulative clock low
slave extend time
See note(3)
25
ms
tLOW:MEXT
Cumulative clock low
master extend time
See note(4)
10
tF
Clock/data fall time
(VILMAX – 0.15 V) to (VIHMIN + 0.15 V)
300
ns
tR
Clock/data rise time
0.9 VCC to (VILMAX – 0.15 V)
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com