Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ78350DBT-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ78350DBT-R1A Datasheet HTML 5Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 9Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 10Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 11Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 12Page - Texas Instruments BQ78350DBT-R1A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
4.160
4.165
4.170
4.175
4.180
4.185
4.190
±40
±20
0
20
40
60
80
Temperature (ƒC)
C005
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
±40
±20
0
20
40
60
80
Temperature (ƒC)
C003
32.55
32.60
32.65
32.70
32.75
32.80
32.85
±40
±20
0
20
40
60
80
Temperature (ƒC)
C004
9
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 4. LED Sink Current
Figure 5. LFO Frequency
Figure 6. HFO Frequency
8 Detailed Description
8.1 Overview
The BQ78350-R1A li-ion and LiFePO4 Battery Management Controller is the companion to the BQ769x0 family
of Analog Front End (AFE) protection devices. This chipset supports 3-series to 15-series cell applications with
capacities up to 320 Ah, and is suitable for a wide range of portable or stationary battery applications. The
BQ78350-R1A device provides an accurate fuel gauge and state-of-health (SoH) monitor, as well as the cell
balancing algorithm and a full range of voltage-, current-, and temperature-based protection features.
The battery data that the BQ78350-R1A device gathers can be accessed via an SMBus 1.1 interface, and state-
of-charge (SoC) data can be displayed through optional LED or LCD display configurations. Battery history and
diagnostic data are also kept within the device in non-volatile memory and are available over the same SMBus
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com