Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ830 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNQ830
Description  Quad channel high-side driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNQ830 Datasheet HTML 4Page - STMicroelectronics VNQ830 Datasheet HTML 5Page - STMicroelectronics VNQ830 Datasheet HTML 6Page - STMicroelectronics VNQ830 Datasheet HTML 7Page - STMicroelectronics VNQ830 Datasheet HTML 8Page - STMicroelectronics VNQ830 Datasheet HTML 9Page - STMicroelectronics VNQ830 Datasheet HTML 10Page - STMicroelectronics VNQ830 Datasheet HTML 11Page - STMicroelectronics VNQ830 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical specifications
VNQ830
8/28
Doc ID 7390 Rev 5
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8V < VCC < 36V; -40 °C < Tj < 150 °C, unless
otherwise stated.
Figure 3.
Current and voltage conventions
Note:
VFn = VCCn - VOUTn during reverse battery condition.
Table 4.
Thermal data (per island)
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance junction-lead
20
°C/W
Rthj-amb
Thermal resistance junction-ambient
(one chip ON)
60(1)
1.
When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35 µm thick) connected
to all VCC pins. Horizontal mounting and no artificial air flow.
44(2)
2.
When mounted on a standard single-sided FR-4 board with 6cm2 of Cu (at least 35 µm thick) connected to
all VCC pins. Horizontal mounting and no artificial air flow.
°C/W
Rthj-amb
Thermal resistance junction-ambient
(two chips ON)
46(1)
31(2)
°C/W
IS1,2
IGND1,2
OUTPUT3
VCC1,2
GND1,2
INPUT2
IOUT3
VCC1,2
VOUT4
OUTPUT2
IOUT2
VOUT3
INPUT1
IIN1
STATUS1
ISTAT1
OUTPUT1
IOUT1
OUTPUT4
IOUT4
VOUT2
VOUT1
IIN2
ISTAT2
ISTAT3
IIN4
ISTAT4
STATUS2
STATUS3
STATUS4
INPUT3
INPUT4
VSTAT4
VIN4
VSTAT3
VIN3
VSTAT2
IIN3
VIN2
VSTAT1
VIN1
IGND3,4
GND3,4
IS3,4
VCC3,4
VCC3,4
VF1 (*)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com