Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ830 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VNQ830
Description  Quad channel high-side driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VNQ830 Datasheet HTML 18Page - STMicroelectronics VNQ830 Datasheet HTML 19Page - STMicroelectronics VNQ830 Datasheet HTML 20Page - STMicroelectronics VNQ830 Datasheet HTML 21Page - STMicroelectronics VNQ830 Datasheet HTML 22Page - STMicroelectronics VNQ830 Datasheet HTML 23Page - STMicroelectronics VNQ830 Datasheet HTML 24Page - STMicroelectronics VNQ830 Datasheet HTML 25Page - STMicroelectronics VNQ830 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Package and PCB thermal data
VNQ830
22/28
Doc ID 7390 Rev 5
4
Package and PCB thermal data
4.1
SO-28 thermal data
Figure 27.
SO-28 PC board
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area = 58mm x 58mm, PCB
thickness = 2mm, Cu thickness = 35µm, Copper areas: 0.5 cm2, 3 cm2, 6 cm2).
RthA = thermal resistance junction to ambient with one chip ON
RthB = thermal resistance junction to ambient with both chips ON and Pdchip1 = Pdchip2
RthC = mutual thermal resistance
Table 16.
Thermal calculation according to the PCB heatsink area
Chip 1
Chip 2
Tjchip1
Tjchip2
Note
ON
OFF
RthA x Pdchip1 + Tamb
RthC x Pdchip1 + Tamb
OFF
ON
RthC x Pdchip2 + Tamb
RthA x Pdchip2 + Tamb
ON
ON
RthB x (Pdchip1 + Pdchip2) +
Tamb
RthB x (Pdchip1 + Pdchip2) +
Tamb
Pdchip1 = Pdchip2
ON
ON
(RthA x Pdchip1) + RthC x
Pdchip2 + Tamb
(RthA x Pdchip2) + RthC x
Pdchip1 + Tamb
Pdchip1 ≠ Pdchip2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com