Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ830 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VNQ830
Description  Quad channel high-side driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VNQ830 Datasheet HTML 14Page - STMicroelectronics VNQ830 Datasheet HTML 15Page - STMicroelectronics VNQ830 Datasheet HTML 16Page - STMicroelectronics VNQ830 Datasheet HTML 17Page - STMicroelectronics VNQ830 Datasheet HTML 18Page - STMicroelectronics VNQ830 Datasheet HTML 19Page - STMicroelectronics VNQ830 Datasheet HTML 20Page - STMicroelectronics VNQ830 Datasheet HTML 21Page - STMicroelectronics VNQ830 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Application information
VNQ830
18/28
Doc ID 7390 Rev 5
3
Application information
Figure 24.
Application schematic
Note:
Channels 3 and 4 have the same internal circuit as channel 1 and 2.
3.1
GND protection network against reverse battery
This section provides two solutions for implementing a ground protection network against
reverse battery.
3.1.1
Solution 1: a resistor in the ground line (RGND only)
This can be used with any type of load.
The following show how to dimension the RGND resistor:
1.
RGND ≤ 600 mV / 2(IS(on)max)
2.
RGND ≥(-VCC) / (-IGND)
VCC1,2
OUTPUT2
+5V
Rprot
OUTPUT1
STATUS1
INPUT1
+5V
STATUS2
INPUT2
+5V
DGND
RGND
VGND
GND1,2
GND3,4
OUTPUT3
OUTPUT4
μC
VCC3,4
STATUS3
INPUT3
STATUS4
INPUT4
+5V
+5V
Rprot
Rprot
Rprot
Rprot
Rprot
Rprot
Rprot
Dld
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com