Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ830 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNQ830
Description  Quad channel high-side driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830 Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ830 Datasheet HTML 1Page - STMicroelectronics VNQ830 Datasheet HTML 2Page - STMicroelectronics VNQ830 Datasheet HTML 3Page - STMicroelectronics VNQ830 Datasheet HTML 4Page - STMicroelectronics VNQ830 Datasheet HTML 5Page - STMicroelectronics VNQ830 Datasheet HTML 6Page - STMicroelectronics VNQ830 Datasheet HTML 7Page - STMicroelectronics VNQ830 Datasheet HTML 8Page - STMicroelectronics VNQ830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
September 2013
Doc ID 7390 Rev 5
1/28
1
VNQ830
Quad channel high-side driver
Features
■
CMOS compatible inputs
■
Open Drain status outputs
■
On-state open-load detection
■
Off-state open-load detection
■
Shorted load protection
■
Undervoltage and overvoltage shutdown
■
Loss of ground protection
■
Very low standby current
■
Reverse battery protection
Description
The VNQ830 is a quad HSD formed by
assembling two VND830 chips in the same SO-28
package. The VND830 is a monolithic device
made using| STMicroelectronics™ VIPower™
M0-3 Technology. The device is intended for
driving any type of multiple load with one side
connected to ground.
The active VCC pin voltage clamp protects the
device against low energy spikes (see ISO7637
transient compatibility table). Active current
limitation combined with thermal shutdown and
automatic restart protects the device against
overload. The device detects the open load
condition in both the on and off state.
In the off state the device detects if the output is
shorted to VCC. The device automatically turns off
in the case where the ground pin becomes
disconnected.
Type
RDS(on)
IOUT
VCC
VNQ830
65 m
Ω(1)
1.
Per each channel.
6A
36V
SO-28 (double island)
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-28 (double island)
VNQ830
VNQ83013TR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VNQ830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ830 STMICROELECTRONICS-VNQ830 Datasheet
308Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ830-E STMICROELECTRONICS-VNQ830-E Datasheet
241Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Nov-2004
VNQ83013TR STMICROELECTRONICS-VNQ83013TR Datasheet
308Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
211Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Jul-2004
More results

Similar Description - VNQ830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ810 STMICROELECTRONICS-VNQ810 Datasheet
316Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Jul-2004
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
221Kb / 10P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
QUAD CHANNEL HIGH SIDE DRIVER
07-Nov-2005
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
Quad channel high side driver
07-Jul-2008
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
Quad channel high-side driver
15-Mar-2013
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
Quad channel high-side driver
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com