Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 2Page - Texas Instruments CDCLVC1310 Datasheet HTML 3Page - Texas Instruments CDCLVC1310 Datasheet HTML 4Page - Texas Instruments CDCLVC1310 Datasheet HTML 5Page - Texas Instruments CDCLVC1310 Datasheet HTML 6Page - Texas Instruments CDCLVC1310 Datasheet HTML 7Page - Texas Instruments CDCLVC1310 Datasheet HTML 8Page - Texas Instruments CDCLVC1310 Datasheet HTML 9Page - Texas Instruments CDCLVC1310 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CDCLVC1310
SCAS917E – JULY 2011 – REVISED JANUARY 2014
www.ti.com
THERMAL INFORMATION
CDCLVC1310
THERMAL METRIC(1)
RHB
UNIT
32 PINS
θJA
Junction-to-ambient thermal resistance(2)
41.7
°C/W
θJCtop
Junction-to-case (top) thermal resistance(3)
34.1
°C/W
θJB
Junction-to-board thermal resistance(4)
14.4
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.9
°C/W
ψJB
Junction-to-board characterization parameter(6)
14.4
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance(7)
6.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
INPUT CHARACTERISTICS
over recommended ranges of supply voltage (VDDO
≤ VDD), load and ambient temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Characteristic (OE, IN_SEL0, IN_SEL1, PRI_IN, SEC_IN)
IIH
Input high current
VDD = 3.465 V, VIH = 3.465 V
40
µA
IIL
Input low current
VDD = 3.465 V, VIL= 0 V
–40
µA
ΔV/ΔT
Input edge rate
20%–80%
2
V/ns
RPullup/down Pullup or pulldown resistance
150
k
Ω
CIN
Input capacitance
2
pF
Single-Ended DC Characteristic (PRI_INP, SEC_INP)(1)
VDD = 3.3 V ±5%
2
VDD + 0.3
VIH
Input high voltage
V
VDD = 2.5 V ±5%
1.6
VDD + 0.3
VDD = 3.3 V ±5%
–0.3
1.3
VIL
Input low voltage
V
VDD = 2.5 V ±5%
–0.3
0.9
Single-Ended DC Characteristic (OE, IN_SEL0, IN_SEL1)
VIH
Input high voltage
0.7 × VDD
V
VIL
Input low voltage
0.3 × VDD
V
Differential DC Characteristic (PRI_IN, SEC_IN)
VI,DIFF
Differential input voltage swing(2)
0.15
1.3
V
VICM
Input common-mode voltage(3)
0.5
VDD – 0.85
V
AC Characteristic (PRI_IN, SEC_IN)
fIN
Input frequency
DC
200
MHz
idc
Input duty cycle
40%
60%
(1)
PRI/SEC_INN biased to VDD / 2
(2)
VIL should not be less than –0.3 V
(3)
Input common-mode voltage is defined as VIH (see Figure 19).
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com