Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVC1310 Datasheet HTML 1Page - Texas Instruments CDCLVC1310 Datasheet HTML 2Page - Texas Instruments CDCLVC1310 Datasheet HTML 3Page - Texas Instruments CDCLVC1310 Datasheet HTML 4Page - Texas Instruments CDCLVC1310 Datasheet HTML 5Page - Texas Instruments CDCLVC1310 Datasheet HTML 6Page - Texas Instruments CDCLVC1310 Datasheet HTML 7Page - Texas Instruments CDCLVC1310 Datasheet HTML 8Page - Texas Instruments CDCLVC1310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CDCLVC1310
www.ti.com
SCAS917E – JULY 2011 – REVISED JANUARY 2014
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
Check for Samples: CDCLVC1310
1
FEATURES
APPLICATIONS
•
High-Performance Crystal Buffer With Ultralow
•
Wireless and Wired Infrastructure
Noise Floor of –169 dBc/Hz
•
Networking and Data Communications
•
Additive Phase Noise/Jitter Performance Is
•
Medical Imaging
25 fsRMS (Typ.)
•
Portable Test and Measurement
•
Level Translation With 3.3-V or 2.5-V Core and
•
High-End A/V
3.3-V, 2.5-V, 1.8-V, or 1.5-V Output Supply
•
Device inputs consist of primary, secondary,
DESCRIPTION
and crystal inputs, and manually selectable
The CDCLVC1310 is a highly versatile, low-jitter, low-
(through pins) using the input MUX. The
power clock fanout buffer which can distribute to ten
primary and secondary inputs can accept
low-jitter LVCMOS clock outputs from one of three
LVPECL, LVDS, HCSL, SSTL or LVCMOS
inputs, whose primary and secondary inputs can
feature differential or single-ended signals and crystal
signals and crystal input.
input. Such a buffer is good for use in a variety of
–
Crystal Frequencies Supported Are From
mobile and wired infrastructure, data communication,
8 MHz to 50 MHz
computing, low-power medical imaging, and portable
–
Differential and Single-Ended Input
test and measurement applications. When the input is
Frequencies Supported Are up to 200 MHz
an illegal level, the output is at a defined state. One
can set the core to 2.5 V or 3.3 V, and output to 1.5
•
10 Single-Ended LVCMOS Outputs. The
V, 1.8 V, 2.5 V or 3.3 V. Pin programming easily
outputs can operate at 1.5-V, 1.8-V, 2.5-V or
configures the CDCLVC1310. The overall additive
3.3-V Power-Supply Voltage.
jitter
performance
is
25
fsRMS
(typical).
The
–
LVCMOS Outputs Operate up to 200 MHz
CDCLVC1310 comes in a small 32-pin 5-mm × 5-mm
QFN package.
–
Output Skew Is 30 ps (Typical)
–
Total Propagation Delay Is 2 ns (Typical)
–
Synchronous and Glitch-Free Output
Enable Is Available
•
Offered in QFN-32 5-mm × 5-mm Package With
Industrial Temperature Range of –40°C to 85°C
•
Can Overdrive Crystal Input With LVCMOS
Signal up to 50 MHz
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVC1310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310 Datasheet
1Mb / 28P
Ten-Output Low-Jitter Low-Power Clock Buffer
CDCLVC1310RHBR TI1-CDCLVC1310RHBR Datasheet
1Mb / 28P
Ten-Output Low-Jitter Low-Power Clock Buffer
CDCLVC1310RHBR TI1-CDCLVC1310RHBR Datasheet
1Mb / 30P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
More results

Similar Description - CDCLVC1310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310 Datasheet
1Mb / 28P
Ten-Output Low-Jitter Low-Power Clock Buffer
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
LMK00105 TI1-LMK00105_14 Datasheet
1Mb / 30P
Ultra-Low Jitter LVCMOS Fanout Buffer and Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306_16 Datasheet
2Mb / 39P
3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
logo
Microsemi Corporation
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com