Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 3Page - Texas Instruments CDCLVC1310 Datasheet HTML 4Page - Texas Instruments CDCLVC1310 Datasheet HTML 5Page - Texas Instruments CDCLVC1310 Datasheet HTML 6Page - Texas Instruments CDCLVC1310 Datasheet HTML 7Page - Texas Instruments CDCLVC1310 Datasheet HTML 8Page - Texas Instruments CDCLVC1310 Datasheet HTML 9Page - Texas Instruments CDCLVC1310 Datasheet HTML 10Page - Texas Instruments CDCLVC1310 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CDCLVC1310
www.ti.com
SCAS917E – JULY 2011 – REVISED JANUARY 2014
CRYSTAL CHARACTERISTICS
over recommended ranges of supply voltage, load and ambient temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Equivalent series resistance (ESR)
50
Ω
Maximum shunt capacitance
7
pF
Drive level
100
µW
CRYSTAL OSCILLATOR CHARACTERISTICS
over recommended ranges of supply voltage, load and ambient temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mode of oscillation
Fundamental
Frequency
8
50
MHz
Frequency in overdrive mode(1)
50
MHz
Frequency in bypass mode(2)
50
MHz
On-chip load capacitance
12
pF
(1)
Input signal swing (max) = 2 V; input signal tr (max) = 10 ns; tf(max) = 10 ns; functional, but device may not meed ac parameters.
(2)
Input signal swing (max) = VDD; input signal tr (max) = 10 ns; tf(max) = 10 ns; functional, but device may not meed ac parameters.
LVCMOS OUTPUT CHARACTERISTICS
over recommended ranges of supply voltage (VDDO
≤ VDD), load (50 Ω to VDDO/2), and ambient temperature (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
200
MHz
0.8 *
VDDO = 3.135 V to 3.465 V
VDDO
0.8 *
VDDO = 2.375 V to 2.625 V
VDDO
VOH
Output high voltage
V
0.7 *
VDDO = 1.6 V to 2 V
VDDO
0.7 *
VDDO = 1.35 V to 1.65 V
VDDO
0.2 *
VDDO = 3.135 V to 3.465 V
VDDO
0.2 *
VDDO = 2.375 V to 2.625 V
VDDO
VOL
Output low voltage
V
0.3 *
VDDO = 1.6 V to 2 V
VDDO
0.3 *
VDDO = 1.35 V to 1.65 V
VDDO
VDDO = 3.3 V
15
VDDO = 2.5 V
20
ROUT
Output impedance
Ω
VDDO = 1.8 V
25
VDDO = 1.5 V
30
VDDO=3.3V +/- 5%, 20% to 80%
5.6
7.3
9.0
VDDO=2.5V +/- 5%, 20% to 80%
3.9
4.8
5.4
tSLEW-RATE
Output slew rate, rising and falling
V/ns
VDDO=1.8V +/- 200mV, 20% to 80%
1.6
2.1
2.5
VDDO=1.5V +/- 150mV, 20% to 80%
0.9
1.2
1.4
tSK
Output skew
30
50
ps
tSK,PP
Part-to-part skew(1)
2
ns
(1)
Calculation for part-to-part skew is the difference between the fastest and the slowest tpd across multiple devices.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com