Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 5Page - Texas Instruments CDCLVC1310 Datasheet HTML 6Page - Texas Instruments CDCLVC1310 Datasheet HTML 7Page - Texas Instruments CDCLVC1310 Datasheet HTML 8Page - Texas Instruments CDCLVC1310 Datasheet HTML 9Page - Texas Instruments CDCLVC1310 Datasheet HTML 10Page - Texas Instruments CDCLVC1310 Datasheet HTML 11Page - Texas Instruments CDCLVC1310 Datasheet HTML 12Page - Texas Instruments CDCLVC1310 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CDCLVC1310
www.ti.com
SCAS917E – JULY 2011 – REVISED JANUARY 2014
PHASE NOISE WITH XTAL
(1) SELECTED
VDD = VDDO = 2.5 V or 3.3 V, fXTAL = 25 MHz, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IB = 12 kHz to 5 MHz, VDD = VDDO = 3.3 V
80
Jrms
RMS phase jitter
fs rms
IB = 12 kHz to 5 MHz, VDD = VDDO = 2.5 V
115
foffset = 100 Hz, VDD = VDDO = 3.3 V
–92
foffset = 1 kHz, VDD = VDDO = 3.3 V
–137
foffset = 10 kHz, VDD = VDDO = 3.3 V
–163
foffset = 100 kHz, VDD = VDDO = 3.3 V
–168
foffset = 1 MHz, VDD = VDDO = 3.3 V
–168
foffset = 5 MHz, VDD = VDDO = 3.3 V
–169
PN
Phase noise (see Figure 15)
dBc/Hz
foffset = 100 Hz, VDD = VDDO = 2.5 V
–91
foffset = 1 kHz, VDD = VDDO = 2.5 V
–136
foffset = 10 kHz, VDD = VDDO = 2.5 V
–159
foffset = 100 kHz, VDD = VDDO = 2.5 V
–164
foffset = 1 MHz, VDD = VDDO = 2.5 V
–165
foffset = 5 MHz, VDD = VDDO = 2.5 V
–165
(1)
Crystal specification: CL = 18 pF; ESR = 35 Ω (max); C0 = 7 pF; drive level = 100 µW (max)
DEVICE CURRENT CONSUMPTION
over recommended ranges of supply voltage, load and ambient temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL PARAMETERS FOR ALL VERSIONS
OE = 0 V or VDD;
Ref. input (PRI/SEC) = 0 V or VDD;
14
IO = 0 mA; VDD / VDDO = 3.3 V
IDD
Static device current(1)
mA
OE = 0 V or VDD;
Ref. input (PRI/SEC) = 0 V or VDD;
8
IO = 0 mA; VDD / VDDO = 2.5 V
Device current with XTAL
IDD,XTAL
20
mA
input(1)
VDDO = 3.465 V; f = 100 MHz
8.8
VDDO = 2.625 V; f = 100 MHz
7.7
Power dissipation capacitance
CPD
pF
per output(2)
VDDO = 2 V; f = 100 MHz
7.3
VDDO = 1.65 V; f = 100 MHz
6.9
(1)
IDD and IDD,XTAL is the current through VDD; outputs enabled or in the high-impedance state; no load.
(2)
This is the formula for the power dissipation calculation (see the Power Considerations section)
IDD,Total = IDD + IDD,Cload + IDD,dyn [mA]
IDD,dyn = CPD × VDDO × f × n [mA]
IDD,Cload = Cload × VDDO × f × n [mA]
n = Number of switching output pins
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com