Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.A Datasheet(PDF) 32 Page - Texas Instruments

Part # DAC7760IPWPR.A
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.A Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC7760IPWPR.A Datasheet HTML 28Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 29Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 30Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 31Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 32Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 33Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 34Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 35Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
0.00
Supply (V)
Specified Supply
Voltage Range
No Power-On Reset
Supply Max.
Supply Min.
Power-On Reset
POR Threshold
Undefined
Undefined Operation Threshold
Figure 8-4. Relevant Voltage Levels for POR Circuit
For the DVDD supply, no internal POR occurs for nominal supply operation from 2.7 V (supply minimum) to 5.5
V (supply maximum). For the DVDD supply region between 2.4 V (undefined operation threshold) and 0.8 V
(POR threshold), the internal POR circuit may or may not provide a reset over all temperature conditions. For the
DVDD supply below 0.8 V (POR threshold), the internal POR resets as long as the supply voltage is below 0.8 V
for approximately 1 ms.
For the AVDD supply, no internal POR occurs for nominal supply operation from 10 V (supply minimum) to
36 V (supply maximum). For AVDD supply voltages between 8 V (undefined operation threshold) to 1 V (POR
threshold), the internal POR circuit may or may not provide a reset over all temperature conditions. For the
AVDD supply below 1 V (POR threshold), the internal POR resets as long as the supply voltage is below 1 V
for approximately 1 ms. In case the DVDD or AVDD supply drops to a level where the internal POR signal is
indeterminate, either power cycle the device or toggle the LATCH pin followed by a software reset. Both options
initialize the internal circuitry to a known state and provide proper operation.
8.3.8 Alarm Detection
The device also provides an alarm detection feature. When one or more of following events occur, the ALARM
pin goes low:
• The current output load is in open circuit; or
• The voltage at IOUT reaches a level where the accuracy of the output current is compromised. This condition
is detected by monitoring internal voltage levels of the IOUT circuitry and is typically below the specified
compliance voltage headroom (defined as the voltage drop between the AVDD and IOUT pins) minimum of 2
V; or
• The die temperature has exceeded 142°C; or
• The SPI watchdog timer exceeded the timeout period (if enabled); or
• The SPI frame error CRC check encountered an error (if enabled).
When the ALARM pins of multiple DACx760 devices are connected together to form a wired-AND function, the
host processor must read the status register of each device to know all the fault conditions that are present.
Note that the thermal alarm has hysteresis of about 18°C. After being set, the alarm only resets when the die
temperature drops below 124°C.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com