Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.A Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC7760IPWPR.A
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.A Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC7760IPWPR.A Datasheet HTML 35Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 36Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 37Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
8.4.4 HART Interface
On the DACx760, HART digital communication can be modulated onto the input signal by two methods:
8.4.4.1 For 4-mA to 20-mA Mode
This method is limited to the case where the RANGE bits of Table 8-17 are programmed to the 4-mA to 20-mA
range. Some applications require going beyond the 4-mA to 20-mA range. In those cases, see second method
described in this section.
The external HART signal (ac voltage; 500 mVPP, 1200 Hz and 2200 Hz) can be capacitively coupled in through
the HART-IN pin and transferred to a current that is superimposed on the 4-mA to 20-mA current output. The
HART-IN pin has a typical input impedance of 35 kΩ that together with the input capacitor used to couple the
external HART signal forms a filter to attenuate frequencies beyond the HART band-pass region. In addition
to this filter, an external passive filter is recommended to complete the filtering requirements of the HART
specifications. Figure 8-8 illustrates the output current versus time operation for a typical HART signal.
Bit
Boundary
Phase
Continuous
2200 Hz
(space)
1200 Hz
(mark)
Time
5.5 mA
6.5 mA
6.0 mA
Bit Cell Time = 833 s
m
NOTE: DC current = 6 mA.
Figure 8-8. Output Current vs Time
Table 8-11 specifies the performance of the HART-IN pin.
Table 8-11. HART-IN Pin Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input impedance
HART signal ac-coupled into pin
35
kΩ
Output current (peak-to-peak)
Input signal of 500 mV (peak-to-peak)
0.9
1
1.1
mA
8.4.4.2 For All Current Output Modes
The use of the HART-IN pin to implement HART modulation is limited to the case where the RANGE bits of
Table 8-17 are set to the 4-mA to 20-mA range. To implement HART in all current-output modes, see Section
9.1.2.
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com