Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.A Datasheet(PDF) 45 Page - Texas Instruments

Part # DAC7760IPWPR.A
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.A Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC7760IPWPR.A Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 43Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 44Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 45Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 46Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 47Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 48Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
8.6.1.1.4 Reset Register
The DACx760 reset register is written to at address 0x56. Table 8-22 provides the description.
Table 8-22. Reset Register 0x56
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB1
0000h
Reserved. Writing to these bits does not cause any change.
DB0
RESET
0
Software reset bit. Writing 1 to the bit performs a software reset to reset all
registers and the ALARM status to the respective power-on reset default value.
After reset completes the RESET bit clears itself.
8.6.1.1.5 Status Register
This read-only register consists of four ALARM status bits (CRC-FLT, WD-FLT, I-FLT, and T-FLT) and bit SR-ON
that shows the slew rate status.
The device continuously monitors the output and die temperature. When an alarm occurs, the corresponding
ALARM status bit is set (1). Whenever an ALARM status bit is set, it remains set until the event that caused it
is resolved. The ALARM bit can only be cleared by performing a software reset, or a power-on reset (by cycling
power), or having the error condition resolved. These bits are reasserted if the ALARM condition continues to
exist in the next monitoring cycle.
The ALARM bit goes to 0 when the error condition is resolved.
Table 8-23. Status Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB5
000h
Reserved. Reading these bits returns 0.
DB4
CRC-FLT
0
Bit = 1 indicates CRC error on SPI frame.
Bit = 0 indicates normal operation.
DB3
WD-FLT
0
Bit = 1 indicates watchdog timer timeout.
Bit = 0 indicates normal operation.
DB2
I-FLT
0
Bit = 1 indicates Open Circuit or Compliance Voltage Violation in IOUT loading.
Bit = 0 indicates IOUT load is at normal condition.
DB1
SR-ON
0
Bit = 1 when DAC code is slewing as determined by SRCLK and SRSTEP.
Bit = 0 when DAC code is not slewing.
DB0
T-FLT
0
Bit = 1 indicates die temperature is over 142°C.
Bit = 0 indicates die temperature is not over 142°C.
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com