Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.A Datasheet(PDF) 53 Page - Texas Instruments

Part # DAC7760IPWPR.A
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.A Datasheet(HTML) 53 Page - Texas Instruments

Back Button DAC7760IPWPR.A Datasheet HTML 49Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 50Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 51Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 52Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 53Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 54Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 55Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 56Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
11 Layout
11.1 Layout Guidelines
To maximize the performance of the DACx760 in any application, good layout practices and proper circuit design
must be followed. A few recommendations specific to the DACx760 are:
1. As is seen in Figure 9-3, CAP2 is directly connected to the input of the final IOUT amplifier. Any noise or
unwanted ac signal routed near the CAP1 and/or CAP2 pins could capacitively couple onto internal nodes
and affect IOUT. Therefore, with the QFN package, it is important to avoid routing any digital or HART signal
trace over the CAP1 and CAP2 traces.
2. The thermal PAD must be connected to the lowest potential in the system.
3. The +VSENSE connection must be a low-impedance trace connected close to the point of load.
4. AVDD and AVSS must have decoupling capacitors local to the respective pins.
5. The reference capacitor must be placed close to the reference input pin.
6. Avoid routing switching signals near the reference input.
7. For designs that include protection circuits:
a. Place diversion elements, such as TVS diodes or capacitors, close to off-board connectors to make sure
that return current from high-energy transients does not cause damage to sensitive devices.
b. Use large, wide traces to provide a low-impedance path to divert high-energy transients away from I/O
terminals.
11.1.1 Thermal Considerations
The DACx760 is designed for a maximum junction temperature of +150°C. In cases where the maximum AVDD
is driving maximum current into ground, this could be exceeded. Use the following equation, from Section 7.1, to
determine the maximum junction temperature that can be reached:
Power Dissipation = (TJmax – TA)/θJA
(8)
where
• TJmax = 150°C
• TA is the ambient temperature
• θJA is the package dependent junction-to-ambient thermal resistance, which is found in Section 7.4
The power dissipation can be calculated by multiplying all the supply voltages with the currents supplied, which
is found in the Power Requirements subsection of Section 7.5.
Consider an example: IOUT is enabled, supplying 24 mA into GND with a 25°C ambient temperature, AVDD of
24 V, AVSS is tied to GND and DVDD is generated internally. From the specifications table, the maximum value
of AIDD = 3 mA when IOUT is enabled and DAC code = 0x0000. Also, the maximum value of DIDD = 1 mA.
Accordingly, the worst case power dissipation is 24 V × (24 mA + 3 mA + 1 mA) = 672 mW. Using the RθJA value
for the TSSOP package, we get TJmax = 25°C + (32.3 × 0.672)°C = 46.7°C. At 85°C ambient temperature, the
corresponding value of TJmax is 106.7°C. Using this type of analysis, the system designer can both specify and
design for the equipment operating conditions. Note that the thermal pad in both packages is recommended to
be connected to a copper plane for enhanced thermal performance.
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com