Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSH15B104FCT Datasheet(PDF) 2 Page - Multicomp Pro

Part # MCSH15B104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH15B104FCT Datasheet(HTML) 2 Page - Multicomp Pro

  MCSH15B104FCT Datasheet HTML 1Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 2Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 3Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 4Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 5Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 6Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 7Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 8Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Page <2>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
#Reflowsolderingonlyisrecommended.
General Electrical Data:
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol Remark M
B (mm)
0805 (2012)
2±0.2
1.25±0.1
0.6±0.1
A
0.5±0.2
0.8±0.1
B
1.25±0.1
D
#
2+0.25/-0.2
1.25±0.2
1.25±0.2
I
#
1206 (3216)
3.2+0.4/-0.1
1.6±0.15
0.8±0.1
B
0.6±0.2
0.95±0.1
C
#
1.15±0.15
J
#
1.25±0.1
D
#
3.2+0.4/-0.1
1.6±0.2
1.6±0.2
G
#
3.2+0.4/-0.1 1.6+0.3/0.1 1.6+0.3/-
0.1
P
#
1210 (3225)
3.2±0.4
2.5±0.2
0.95±0.1
C
#
0.75±0.25
1.25±0.1
D
#
3.2±0.5
2.5±0.3
1.6±0.2
G
#
2±0.2
K
#
2.5±0.3
M
#
1812 (4532) 4.5+0.6/-0.4
3.2±0.3
1.25±0.1
D
#
0.75±0.25
Dielectric
NP0
X7R
X5R
Y5V
Size
0402, 0603, 0805, 1206, 1210, 1812
Capacitance range*
0.1pF to 0.015µF
100pF to 10µF
0.027µF to 10µF
0.01µF to 4.7µF
Capacitance tolerance**
Cap≤5pF:
B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF:
C (±0.25pF), D (±0.5pF)
Cap≥10pF:
F (±1%), G (±2%),
J (±5%), K (±10%)
K (±10%), M (±20%)
Z (-20/+80%)
Rated voltage (WVDC)
6.3V, 10V, 16V, 25V, 50V, 100V
Operating temperature
-55 to +125°C
-55 to +125°C
-55 to +85°C
-25 to +85°C
Capacitance characteristic
±30ppm
±15%
±15%
+30/-80%
Termination
Ni/Sn (lead-free termination)
* Measured at the condition of 30~70% related humidity.
NP0:Apply1±0.2Vrms,1MHz±10%forCap≤1,000pFand1±0.2Vrms,1kHz±10%forCap>1,000pF,25°Catambienttemperature
X7R,X5R:Apply1±0.2Vrms,1kHz±10%,at25°Cambienttemperature.
Y5V:Apply1±0.2Vrms,1kHz±10%,at20°Cambienttemperature.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in ambient condition for 24±2 hours before
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com