Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSH15B104FCT Datasheet(PDF) 14 Page - Multicomp Pro

Part # MCSH15B104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH15B104FCT Datasheet(HTML) 14 Page - Multicomp Pro

Back Button MCSH15B104FCT Datasheet HTML 7Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 8Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 9Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 10Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 11Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 12Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 13Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 14Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 15Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Page <14>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Constructions:
No.
Name
NPO, X7R, X5R, Y5V
1
Ceramic material
BaTiO
3 based
2
Inner electrode
Ni
3
Termination
Inner layer
Cu
4
Middle layer
Ni
5
Outer layer
Sn
Storage and handling conditions
(1) To store products at 5°C to 40°C ambient temperature and 20 to 70%. related humidity conditions.
(2)Theproductisrecommendedtobeusedwithinoneyearaftershipment.Checksolderabilityincaseofshelflife
extensionisneeded.
Cautions:
a. The corrosive gas reacts on the terminal electrodes of capacitors, and results in the poor solderability. Do not store
thecapacitorsintheambienceofcorrosivegas(e.g.,hydrogensulfide,sulfurdioxide,chlorine,ammoniagasetc.)
b. In corrosive atmosphere, solderability might be degraded, and silver migration might occur to cause low reliability.
c. Due to the dewing by rapid humidity change, or the photochemical change of the terminal electrode by direct
sunlight,the solderability and electrical performance may deteriorate. Do not store capacitors under direct sunlight or
dewingcondition.Tostoreproductsontheshelfandavoidexposuretomoisture.
Recommended Soldering Conditions:
The lead-free termination MLCCs are not only to be used on SMT against lead-free solder paste, but also suitable against
lead-containing solder paste. If the optimized solder joint is requested, increasing soldering time, temperature and
concentration of N
2 within oven are recommended.
RecommendedreflowsolderingprofileforSMT
process with SnAgCu series solder paste.
RecommendedwavesolderingprofileforSMT
process with SnAgCu series solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com